データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GS6332UR16D1 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 GS6332UR16D1
部品情報  3 Pin, Low-Power, P Reset Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS6332UR16D1 データシート(HTML) 2 Page - Vishay Siliconix

  GS6332UR16D1 Datasheet HTML 1Page - Vishay Siliconix GS6332UR16D1 Datasheet HTML 2Page - Vishay Siliconix GS6332UR16D1 Datasheet HTML 3Page - Vishay Siliconix GS6332UR16D1 Datasheet HTML 4Page - Vishay Siliconix GS6332UR16D1 Datasheet HTML 5Page - Vishay Siliconix GS6332UR16D1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GS6332 and GS6333
Vishay
formerly General Semiconductor
www.vishay.com
Document Number 74810
2
22-May-02
Reset Active Low
Reset Timeout
Period (Typical)
1: 1.5mS
2: 30mS
3: 150mS
(Standard)
Reset Voltage
Options (Typical)
15: 1.5V
16: 1.6V (Standard)
18: 1.8V (Standard)
19: 1.9V
20: 2.0V (Standard)
21: 2.1V
22: 2.2V (Standard)
23: 2.3V (Standard)
24: 2.4V
25: 2.5V
Reset Active High
GS6332URxxDx
GS6333URxxDx
Sample stock is generally available on standard parts.
Contact our local sales office for availability of non stan-
dard versions (minimum order quantity is 10,000 pcs).
Ordering Information
Marking Codes
GS6333
GS6332
Product No.
Marking
Product No.
Marking
GS6333UR15D1
ADxxx
GS6332UR15D1
BNxxx
GS6333UR15D2
AExxx
GS6332UR15D2
BOxxx
GS6333UR15D3
AGxxx
GS6332UR15D3
BPxxx
GS6333UR16D1
AHxxx
GS6332UR16D1
BRxxx
GS6333UR16D2
AIxxx
GS6332UR16D2
BSxxx
GS6333UR16D3
AKxxx
GS6332UR16D3
BTxxx
GS6333UR18D1
ALxxx
GS6332UR18D1
BVxxx
GS6333UR18D2
AMxxx
GS6332UR18D2
BWxxx
GS6333UR18D3
ANxxx
GS6332UR18D3
BXxxx
GS6333UR19D1
AOxxx
GS6332UR19D1
BYxxx
GS6333UR19D2
APxxx
GS6332UR19D2
BZxxx
GS6333UR19D3
ARxxx
GS6332UR19D3
CAxxx
GS6333UR20D1
ASxxx
GS6332UR20D1
CBxxx
GS6333UR20D2
ATxxx
GS6332UR20D2
CCxxx
GS6333UR20D3
AVxxx
GS6332UR20D3
CDxxx
GS6333UR21D1
AWxxx
GS6332UR21D1
CExxx
GS6333UR21D2
AXxxx
GS6332UR21D2
CGxxx
GS6333UR21D3
AYxxx
GS6332UR21D3
CHxxx
GS6333UR22D1
AZxxx
GS6332UR22D1
CIxxx
GS6333UR22D2
BAxxx
GS6332UR22D2
CKxxx
GS6333UR22D3
BBxxx
GS6332UR22D3
CLxxx
GS6333UR23D1
BCxxx
GS6332UR23D1
CMxxx
GS6333UR23D2
BDxxx
GS6332UR23D2
CNxxx
GS6333UR23D3
BExxx
GS6332UR23D3
COxxx
GS6333UR24D1
BGxxx
GS6332UR24D1
CPxxx
GS6333UR24D2
BHxxx
GS6332UR24D2
CRxxx
GS6333UR24D3
BIxxx
GS6332UR24D3
CSxxx
GS6333UR25D1
BKxxx
GS6332UR25D1
CTxxx
GS6333UR25D2
BLxxx
GS6332UR25D2
CVxxx
GS6333UR25D3
BMxxx
GS6332UR25D3
CWxxx


同様の部品番号 - GS6332UR16D1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GS6-1 ETC2-GS6-1 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS6-10 ETC2-GS6-10 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS6-16 ETC2-GS6-16 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS6-2.5 ETC2-GS6-2.5 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
GS6-25 ETC2-GS6-25 Datasheet
43Kb / 3P
   RING TONGUE TERMINAL Non-insulated DIN 46234
More results

同様の説明 - GS6332UR16D1

メーカー部品番号データシート部品情報
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800 Datasheet
147Kb / 7P
   3-Pin, Low-Power 關P Reset Circuits
Rev 1; 2/01
MAX6800 MAXIM-MAX6800_V01 Datasheet
901Kb / 8P
   3-Pin, Low-Power 關P Reset Circuits
2016
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
MAX6800 MAXIM-MAX6800_11 Datasheet
130Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
Rev 3; 10/11
MAX6800 MAXIM-MAX6800_05 Datasheet
550Kb / 7P
   3-Pin, Low-Power uP Reset Circuits
19-1933 Rev 2; 12/05
MAX6326 MAXIM-MAX6326 Datasheet
131Kb / 8P
   3-Pin, Ultra-Low-Power SC70/SOT 關P Reset Circuits
Rev 3; 1/00
MXD1810-MXD1818 MAXIM-MXD1810-MXD1818 Datasheet
198Kb / 11P
   Low-Power UP Reset Circuits in 3-Pin
Rev 0; 10/01
MAX6804US31D1 MAXIM-MAX6804US31D1 Datasheet
554Kb / 8P
   4-Pin, Low-Power 關P Reset Circuits with Manual Reset
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com