データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS5A23167DCTR データシート(PDF) 10 Page - Texas Instruments

部品番号 TS5A23167DCTR
部品情報  0.9-W DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TS5A23167DCTR データシート(HTML) 10 Page - Texas Instruments

Back Button TS5A23167DCTR Datasheet HTML 6Page - Texas Instruments TS5A23167DCTR Datasheet HTML 7Page - Texas Instruments TS5A23167DCTR Datasheet HTML 8Page - Texas Instruments TS5A23167DCTR Datasheet HTML 9Page - Texas Instruments TS5A23167DCTR Datasheet HTML 10Page - Texas Instruments TS5A23167DCTR Datasheet HTML 11Page - Texas Instruments TS5A23167DCTR Datasheet HTML 12Page - Texas Instruments TS5A23167DCTR Datasheet HTML 13Page - Texas Instruments TS5A23167DCTR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.ti.com
Electrical Characteristics for 1.8-V Supply
(1)
TS5A23167
0.9-
Ω DUAL SPST ANALOG SWITCH
5-V/3.3-V 2-CHANNEL ANALOG SWITCH
SCDS195 – MAY 2005
V
+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted))
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
VCOM,
Analog signal range
0
V+
V
VNC
25
°C
4.2
25
0
≤ V
NC ≤ V+,
Switch ON,
Peak ON resistance
rpeak
1.65 V
ICOM = –100 mA,
See Figure 13
Full
30
25
°C
1.6
3.9
VNC = 2 V,
Switch ON,
ON-state resistance
ron
1.65 V
ICOM = –100 mA,
See Figure 13
Full
4.0
ON-state resistance
25
°C
0.04
0.2
VNC = 2 V, 0.8 V,
Switch ON,
match between
∆r
on
1.65 V
ICOM = –100 mA,
See Figure 13
Full
0.2
channels
0
≤ V
NC ≤ V+,
Switch ON,
25
°C
2.8
ICOM = –100 mA,
See Figure 13
ON-state resistance
ron(flat)
1.65 V
flatness
25
°C
4.1
22
VNC = 2 V, 0.8 V,
Switch ON,
ICOM = –100 mA,
See Figure 13
Full
27
VNC = 1 V,
25
°C
–5
5
VCOM = 3 V,
Switch OFF,
INC(OFF)
or
1.95 V
nA
See Figure 14
Full
–50
50
NC
VNC = 3 V,
OFF leakage current
VCOM = 1 V,
25
°C
–2
2
VNC = 0 to 3.6 V,
Switch OFF,
INC(PWROFF)
0 V
µA
VCOM = 3.6 V to 0,
See Figure 14
Full
–10
10
VCOM = 1 V,
25
°C
–5
5
VNC = 3 V,
Switch OFF,
ICOM(OFF)
or
1.95 V
nA
See Figure 14
Full
–50
50
COM
VCOM = 3 V,
OFF leakage current
VNC = 1 V,
25
°C
–2
2
VCOM = 0 to 3.6 V,
Switch OFF,
ICOM(PWROFF)
0 V
µA
VNC = 3.6 V to 0,
See Figure 14
Full
–10
10
VNC = 1 V,
25
°C
–2
2
VCOM = Open,
NC
Switch ON,
INC(ON)
or
1.95 V
nA
ON leakage current
See Figure 15
Full
–20
20
VNC = 3 V,
VCOM = Open,
VCOM = 1 V,
25
°C
–2
2
VNC = Open,
COM
Switch ON,
ICOM(ON)
or
1.95 V
nA
ON leakage current
See Figure 15
Full
–20
20
VCOM = 3 V,
VNC = Open,
Digital Control Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
1.5
5.5
V
Input logic low
VIL
Full
0
0.6
V
25
°C
–2
0.3
2
Input leakage current
IIH, IIL
VI = 5.5 V or 0
1.95 V
nA
Full
–20
20
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
10


同様の部品番号 - TS5A23167DCTR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A23167DCTR TI1-TS5A23167DCTR Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
More results

同様の説明 - TS5A23167DCTR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TS5A23166 TI-TS5A23166_10 Datasheet
693Kb / 27P
[Old version datasheet]   0.9-廓 DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A23166 TI-TS5A23166 Datasheet
331Kb / 22P
[Old version datasheet]   0.9-ohm DUAL SPST ANALOG SWITCH 5-V/3.3-V 2-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595 Datasheet
158Kb / 14P
[Old version datasheet]   8-W SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4596 TI-TS5A4596_15 Datasheet
871Kb / 21P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A4595 TI-TS5A4595_15 Datasheet
684Kb / 17P
[Old version datasheet]   8 SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A23160 TI-TS5A23160_09 Datasheet
543Kb / 25P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A23160 TI1-TS5A23160_14 Datasheet
528Kb / 26P
[Old version datasheet]   0.9-W DUAL SPDT ANALOG SWITCH 5-V/3.3-V 2-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4596 TI-TS5A4596 Datasheet
157Kb / 14P
[Old version datasheet]   8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A3154 TI-TS5A3154 Datasheet
286Kb / 22P
[Old version datasheet]   0.9-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Global Mixed-mode Techn...
G3102 GMT-G3102 Datasheet
864Kb / 1P
   0.9 Dual SPST Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com