データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-1700L データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 HLMP-1700L
部品情報  LOW CURRENT LED LAMP - Tinted & Diffused
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HLMP-1700L データシート(HTML) 1 Page - Fairchild Semiconductor

  HLMP-1700L Datasheet HTML 1Page - Fairchild Semiconductor HLMP-1700L Datasheet HTML 2Page - Fairchild Semiconductor HLMP-1700L Datasheet HTML 3Page - Fairchild Semiconductor HLMP-1700L Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
0.122 (3.1)
0.106 (2.7)
0.047 (1.2)
0.032 (0.8)
0.189 (4.8)
0.165 (4.2)
0.059 (1.5)
0.032 (0.8)
1.040 (26.4)
MIN
0.040 (1.00)
MIN
0.100 (2.54)
Ø0.137 (3.48)
Ø0.113 (2.88)
0.020 (0.51)
SQ. (2X)
SUPER BRIGHT AllnGaP T-100 (3 mm)
LOW CURRENT LED LAMP - Tinted & Diffused
1 of 4
11/17/99
300002A
PACKAGE DIMENSIONS
FEATURES
• Popular T-100 package with 100
mil. lead spacing
• Super high brightness at low current
(2 mA)
• Solid state reliability
• Tinted and diffused
• CMOS and TTL compatible
Parameter
Symbol
Rating
Unit
Operating Temperature
TOPR
-55 to +100
°C
Storage Temperature
TSTG
-55 to +100
°C
Lead Soldering Time
TSOL
260 for 5 sec
°C
Continuous Forward Current
IF
7.5
mA
Peak Forward Current
IF
150
mA
(f = 1.0 KHz, Duty Factor = 1/10)
Reverse Voltage
VR
5V
Power Dissipation
PD
25
mW
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
NOTES:
1. Dimensions for all drawings are in inches (mm).
2. Lead spacing is measured where the leads emerge from
the package.
3. Protruded resin under the flange is 1.5 mm (0.059") max.
SUPER RED
HLMP-1700L
SUPER YELLOW
HLMP-1719L
DESCRIPTION
These T-100 super bright low current lamps have a moderate
viewing angle of 50°. The HLMP-17XXL series is made with an
AllnGaP LED, which delivers performance, reliability and
brightness superior to that of standard products.


同様の部品番号 - HLMP-1700L

メーカー部品番号データシート部品情報
logo
QT Optoelectronics
HLMP-1700 QT-HLMP-1700 Datasheet
183Kb / 2P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-1700 HP-HLMP-1700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Fairchild Semiconductor
HLMP-1700 FAIRCHILD-HLMP-1700 Datasheet
164Kb / 3P
   LOW CURRENT T-100 & T-1 3/4 SOLID STATE LAMPS
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1700 AVAGO-HLMP-1700 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps High efficiency
More results

同様の説明 - HLMP-1700L

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TLLR440 VISHAY-TLLR440 Datasheet
94Kb / 7P
   Low Current LED in 짰3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
logo
STMicroelectronics
TLL540 STMICROELECTRONICS-TLL540 Datasheet
97Kb / 7P
   Low Current LED in 5 mm Tinted Diffused Package
logo
Vishay Siliconix
TLLR540 VISHAY-TLLR540 Datasheet
94Kb / 7P
   Low Current LED in 짰5 mm Tinted Diffused Package
Rev. A2, 04-Feb-99
TLLG540 VISHAY-TLLG540_V02 Datasheet
115Kb / 6P
   Low Current LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLLG4401 VISHAY-TLLG4401 Datasheet
1,004Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
Rev. 1.8, 24-Apr-13
TLLY440 VISHAY-TLLY440_V02 Datasheet
197Kb / 9P
   Low Current LED in Ø 3 mm Tinted Diffused Package
01-Jan-2023
TLL440 VISHAY-TLL440 Datasheet
97Kb / 7P
   Low Current LED in ø 3 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLLR5400 VISHAY-TLLR5400 Datasheet
140Kb / 8P
   Low Current LED in Ø 5 mm Tinted Diffused Package
Rev. 1.7, 29-Apr-13
TLLG440 VISHAY-TLLG440_V01 Datasheet
198Kb / 9P
   Low Current LED in 횠 3 mm Tinted Diffused Package
01-Jan-2022
TLLG540 VISHAY-TLLG540_V01 Datasheet
117Kb / 7P
   Low Current LED in 횠 5 mm Tinted Diffused Package
01-Jan-2022
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com