データシートサーチシステム |
|
MC2DU512NMCA-0QC00 データシート(PDF) 5 Page - Samsung semiconductor |
|
MC2DU512NMCA-0QC00 データシート(HTML) 5 Page - Samsung semiconductor |
5 / 66 page MultiMediaCard TM 5 1 Introduction to the MultiMediaCard The MultiMediaCard is a universal low cost data storage and communication media. It is designed to cover a wide area of applications as cellula phone, electronic toys, organizers, PDAs, cameras, smart phones, digital recorders, MP3 players, pagers, etc. Targeted features are high mobility and high performance at a low cost price. It might also be expressed in terms of low power consumption and high data throughput at the memory card interface The MultiMediaCard communication is based on an advanced 7-pin serial bus designed to operate in a low voltage range. The communication protocol is defined as a part of this standard and referred to as MultiMediaCard mode. For compatibility to existing controllers the cards may offer, in addition to the MultiMediaCard mode, an alternate communication protocol which is based on the SPI standard 1.1 System Features - MultiMediaCard System Specification Ver.3.31 compatible - Supports Standard MultiMediaCard bus - Supports SPI Mode (single and multiple block read and write operations) - Supports block read/write - Targeted for portable and stationary applications - Maximum data rate with up to 10 cards - Correction of memory field errors - Built-in write protection features (permanent and temporary) - Comfortable erase mechanism - 2.7 to 3.6 volts operation 1.2 Product Model Table 1-1 MultiMediaCard Capacities (Packing Type:Bulk Type I) Model Number Capacities Remarks MC56U032NCFA-0QC00 32MB MC12U064NBFA-0QC00 64MB MC1GU128NAFA-0QC00 128MB MC2DU256NAFA-0QC00 256MB MC2GU512NMCA-0QC00 512MB MC2GU01GNMCA-0QC00 1GB . Full Size MMC . S3F49DAX Controller MC56U032HCCA-0QC00 32MB MC12U064HACA-0QC00 64MB MC1GU128HACA-0QC00 128MB MC1GU256HACA-0QC00 256MB . Reduced-Size MMC (RS-MMC) . S3F49DAX Controller |
同様の部品番号 - MC2DU512NMCA-0QC00 |
|
同様の説明 - MC2DU512NMCA-0QC00 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |