データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HM17 データシート(PDF) 1 Page - TT Electronics.

部品番号 HM17
部品情報  Radial Lead Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM17 データシート(HTML) 1 Page - TT Electronics.

  HM17 Datasheet HTML 1Page - TT Electronics. HM17 Datasheet HTML 2Page - TT Electronics. HM17 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2009/10 EDITION MAGNETIC COMPONENTS SELECTOR GUIDE
We reserve the right to change specifications without prior notice.
www.bitechnologies.com
17
HM17-664331LF
330
± 10%
1
0.33
1.48
HM17-664391LF
390
± 10%
1
0.30
1.66
HM17-664471LF
470
± 10%
1
0.27
1.91
HM17-664561LF
560
± 10%
1
0.25
2.31
HM17-664681LF
680
± 10%
1
0.23
2.67
HM17-664821LF
820
± 10%
1
0.21
3.10
HM17-664102LF
1000
± 10%
1
0.19
4.45
HM17-855100LF
10
± 20%
100
2.50
0.07
HM17-855120LF
12
± 20%
100
2.40
0.08
HM17-855150LF
15
± 20%
100
2.10
0.09
HM17-855180LF
18
± 20%
100
2.00
0.10
HM17-855220LF
22
± 20%
100
1.70
0.12
HM17-855270LF
27
± 20%
100
1.60
0.14
HM17-855330LF
33
± 20%
100
1.40
0.17
HM17-855390LF
39
± 20%
100
1.30
0.21
HM17-855470LF
47
± 20%
100
1.20
0.24
HM17-855560LF
56
± 20%
100
1.10
0.31
HM17-855680LF
68
± 20%
100
1.00
0.34
HM17-855820LF
82
± 20%
100
0.93
0.40
HM17-855101LF
100
± 10%
1
0.81
0.52
HM17-855121LF
120
± 10%
1
0.76
0.59
HM17-855151LF
150
± 10%
1
0.67
0.71
HM17-855181LF
180
± 10%
1
0.62
0.89
HM17-855221LF
220
± 10%
1
0.54
1.04
HM17-855271LF
270
± 10%
1
0.49
1.28
HM17-855331LF
330
± 10%
1
0.44
1.47
HM17-855391LF
390
± 10%
1
0.41
1.67
HM17-855471LF
470
± 10%
1
0.38
1.95
HM17-855561LF
560
± 10%
1
0.35
2.83
HM17-855681LF
680
± 10%
1
0.32
3.25
HM17-855821LF
820
± 10%
1
0.31
3.82
HM17-855102LF
1000
± 10%
1
0.25
5.28
HM17-855122LF
1200
± 10%
1
0.23
6.03
HM17-855152LF
1500
± 10%
1
0.21
7.15
HM17-855182LF
1800
± 10%
1
0.20
8.26
Radial Lead Inductors
Electrical / Environmental
• Operating Temperature Range
-40°C to +125°C
• AmbientTemperature,Maximum
85°C
HM17
RoHS
Compliant
HM17-654220LF
22
± 20%
100
0.90
0.18
HM17-654270LF
27
± 20%
100
0.81
0.21
HM17-654330LF
33
± 20%
100
0.74
0.27
HM17-654390LF
39
± 20%
100
0.68
0.29
HM17-654470LF
47
± 20%
100
0.62
0.34
HM17-654560LF
56
± 20%
100
0.57
0.42
HM17-654680LF
68
± 20%
100
0.51
0.48
HM17-654820LF
82
± 20%
100
0.47
0.55
HM17-654101LF
100
± 10%
1
0.42
0.68
HM17-654121LF
120
± 10%
1
0.39
0.77
HM17-654151LF
150
± 10%
1
0.35
0.95
HM17-654181LF
180
± 10%
1
0.32
1.15
HM17-654221LF
220
± 10%
1
0.29
1.30
HM17-654271LF
270
± 10%
1
0.26
1.55
HM17-654331LF
330
± 10%
1
0.23
2.18
HM17-654391LF
390
± 10%
1
0.21
2.47
HM17-654471LF
470
± 10%
1
0.20
2.92
HM17-654561LF
560
± 10%
1
0.18
3.97
HM17-654681LF
680
± 10%
1
0.16
4.57
HM17-654821LF
820
± 10%
1
0.15
5.28
HM17-654102LF
1000
± 10%
1
0.13
7.06
HM17-664220LF
22
± 20%
100
1.27
0.11
HM17-664270LF
27
± 20%
100
1.14
0.14
HM17-664330LF
33
± 20%
100
1.03
0.17
HM17-664390LF
39
± 20%
100
0.95
0.19
HM17-664470LF
47
± 20%
100
0.87
0.23
HM17-664560LF
56
± 20%
100
0.80
0.26
HM17-664680LF
68
± 20%
100
0.72
0.28
HM17-664820LF
82
± 20%
100
0.66
0.39
HM17-664101LF
100
± 10%
1
0.59
0.43
HM17-664121LF
120
± 10%
1
0.54
0.54
HM17-664151LF
150
± 10%
1
0.48
0.64
HM17-664181LF
180
± 10%
1
0.44
0.74
HM17-664221LF
220
± 10%
1
0.40
0.96
HM17-664271LF
270
± 10%
1
0.36
1.12
Specifications @ 25°C
Inductance
Test
DCR
Part
Lo
Tolerance(1) Freq.
Irated (2)
(Ω)
Number
(µH)
(%)
(kHz)
(A)
Max.
Inductance
Test
DCR
Part
Lo
Tolerance(1) Freq.
Irated (2) (Ω)
Number
(µH)
(%)
(kHz)
(A)
Max.
Schematic


同様の部品番号 - HM17

メーカー部品番号データシート部品情報
logo
NHP Electrical Engineer...
HM1734WM NHP-HM1734WM Datasheet
326Kb / 1P
   HM WEIGHT MODULE 2CHAN POINT IO
10 October 2022,
logo
Shenzhen Huazhimei Semi...
HM1782A HMSEMI-HM1782A Datasheet
1Mb / 9P
   4-30V input 5V/2.4A output synchronous buck regulator
HM1782B HMSEMI-HM1782B Datasheet
1Mb / 9P
   4-30V input 5V/3A output synchronous buck regulator
HM1783A HMSEMI-HM1783A Datasheet
1Mb / 10P
   4-30V Input 2.4A Output Synchronous Buck Regulator
HM1783B HMSEMI-HM1783B Datasheet
1Mb / 10P
   4-30V Input 3A Output Synchronous Buck Regulator
More results

同様の説明 - HM17

メーカー部品番号データシート部品情報
logo
API Delevan
4554R API-4554R Datasheet
1Mb / 1P
   Radial Lead Inductors
logo
Datatronic Distribution...
PT21701 DATATRONICS-PT21701 Datasheet
57Kb / 2P
   RADIAL LEAD INDUCTORS
logo
Murata Manufacturing Co...
KMP_2200R MURATA-KMP_2200R Datasheet
92Kb / 2P
   Radial Lead Inductors
KMP_1100R MURATA-KMP_1100R Datasheet
101Kb / 3P
   Radial Lead Inductors
KMP_1300R MURATA-KMP_1300R Datasheet
116Kb / 4P
   Radial Lead Inductors
logo
Murata Power Solutions ...
1900R MURATA-PS-1900R Datasheet
114Kb / 3P
   Radial Lead Inductors
logo
Murata Manufacturing Co...
KMP_1700 MURATA-KMP_1700 Datasheet
90Kb / 2P
   Radial Lead Inductors
KMP_1800R MURATA-KMP_1800R Datasheet
112Kb / 2P
   Radial Lead Inductors
logo
RCD COMPONENTS INC.
R0908-100-MBW RCD-R0908-100-MBW Datasheet
58Kb / 1P
   RADIAL LEAD INDUCTORS
logo
Murata Power Solutions ...
13R152C MURATA-PS-13R152C Datasheet
127Kb / 4P
   Radial Lead Inductors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com