データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPB680 データシート(PDF) 3 Page - TT Electronics.

部品番号 OPB680
部品情報  Slotted Optical Flag Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TTELEC [TT Electronics.]
ホームページ  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB680 データシート(HTML) 3 Page - TT Electronics.

  OPB680 Datasheet HTML 1Page - TT Electronics. OPB680 Datasheet HTML 2Page - TT Electronics. OPB680 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Storage & Operating Temperature Range
-40°C to +100°C
Lead Soldering Temperature [1/16 inch (1.6 mm) from the case for 5 sec. with soldering iron](1)
260°C
Input Diode
Forward DC Current
50 mA
Peak Forward Current (1 µs pulse width, 300 pps)
3 A
Reverse DC Voltage
3 V
Power Dissipation(2)
100 mW
Output Phototransistor
Collector-Emitter Voltage
24 V
Emitter Reverse Current
10 mA
Collector DC Current
30 mA
Power Dissipation(3)
200 mW
Input Diode (see OP245 for additional information)
VF
Forward Voltage
-
-
1.6
V
IF = 10 mA
IR
Reverse Current
-
-
100
µA
VR = 3 V
Output Phototransistor (See OP755 for additional information)
V(BR)CEO
Collector-Emitter Breakdown Voltage
24
-
-
V
IC = 100 µA
BVECO
Emitter-Collector Breakdown Voltage
4.0
-
-
V
IEC = 100 µA
ICEO
Collector-Emitter Dark Current
-
-
100
µA
VCE = 5 V
Coupled
VSAT
Saturation Voltage
-
-
0.4
V
IF = 10 mA, IC = 100 µA
IC(ON)
On-State Collector Current
600
-
-
µA
IF = 10 mA, VCE = 5 V, unblocked
IC(ON)
On-State Collector Current
-
-
150
nA
IF = 10 mA, VCE = 5 V, blocked
Mechanical
FOP
Operating Force
OPB680, OPB690Z
OPB680-20
-
-
-
-
1.5
20
g
Measured at end of lever
Cycles
Operating Cycles
100 K
-
-
cycles
-
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering. Maximum 20 grams force may
be applied to leads when soldering (OPB680, OPB680-20).
(2) Derate linearly 1.33 mW/°C above 25° C.
(3) Derate linearly 2.00 mW/°C above 25° C.


同様の部品番号 - OPB680

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OPB680 OPTEK-OPB680 Datasheet
252Kb / 2P
   Slotted Optical Flag Switch Types OPB680, OPB680-20
OPB680-20 OPTEK-OPB680-20 Datasheet
252Kb / 2P
   Slotted Optical Flag Switch Types OPB680, OPB680-20
More results

同様の説明 - OPB680

メーカー部品番号データシート部品情報
logo
OPTEK Technologies
OPB690 OPTEK-OPB690 Datasheet
299Kb / 2P
   Slotted Optical Flag Switch
logo
TT Electronics.
OPB850A TTELEC-OPB850A Datasheet
756Kb / 3P
   Slotted Optical Flag Switch
logo
OPTEK Technologies
OPB680 OPTEK-OPB680 Datasheet
252Kb / 2P
   Slotted Optical Flag Switch Types OPB680, OPB680-20
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com