データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP03867 データシート(PDF) 1 Page - Golledge Electronics Ltd

部品番号 MP03867
部品情報  SAW Filter 480.0MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOLLEDGE [Golledge Electronics Ltd]
ホームページ  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03867 データシート(HTML) 1 Page - Golledge Electronics Ltd

  MP03867 Datasheet HTML 1Page - Golledge Electronics Ltd MP03867 Datasheet HTML 2Page - Golledge Electronics Ltd MP03867 Datasheet HTML 3Page - Golledge Electronics Ltd MP03867 Datasheet HTML 4Page - Golledge Electronics Ltd MP03867 Datasheet HTML 5Page - Golledge Electronics Ltd MP03867 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 480.0MHz
Model: TB0729A
Part No: MP03867
Rev No: 1
TB0729A v1
1
A. MAXIMUM RATING:
1. Operating Temperature: -30°C ~ 70°C
2. Storage Temperature: -40°C ~ +85°C
B. CHARACTERISTICS:
Ambient Temperature: 25°C
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
479.5
480
480.5
Max Insertion Loss
dB
-
11.5
15.0
1dB Bandwidth
MHz
54
58.0
-
3dB Bandwidth
MHz
56
62.0
-
Pass band Ripple Fc ± 27MHz
dB
-
0.6
1.2
Group delay 453 ~ 507MHz
ns
10
40
Relative Attenuation: (Reference level from Max IL)
320MHz to 440MHz
dB
35
44
-
520MHz to 640MHz
dB
35
43
-
Matching:
1. The input of the filter will be matched to 50
2. The output of the filter will be matched to 50


同様の部品番号 - MP03867

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
MP03869 GOLLEDGE-MP03869 Datasheet
90Kb / 7P
   SAW Filter 1900.0MHz
More results

同様の説明 - MP03867

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
MP03881 GOLLEDGE-MP03881 Datasheet
142Kb / 6P
   SAW Filter 480.0MHz
MA07242 GOLLEDGE-MA07242 Datasheet
115Kb / 4P
   SAW Filter 480.0MHz
MP05663 GOLLEDGE-MP05663 Datasheet
101Kb / 6P
   SAW Filter 480.0MHz
MP02645 GOLLEDGE-MP02645 Datasheet
173Kb / 6P
   SAW Filter 480.0MHz
MP01780 GOLLEDGE-MP01780 Datasheet
175Kb / 5P
   SAW Filter 480.0MHz
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com