データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP03634 データシート(PDF) 4 Page - Golledge Electronics Ltd

部品番号 MP03634
部品情報  SAW Filter 350.0MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOLLEDGE [Golledge Electronics Ltd]
ホームページ  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03634 データシート(HTML) 4 Page - Golledge Electronics Ltd

  MP03634 Datasheet HTML 1Page - Golledge Electronics Ltd MP03634 Datasheet HTML 2Page - Golledge Electronics Ltd MP03634 Datasheet HTML 3Page - Golledge Electronics Ltd MP03634 Datasheet HTML 4Page - Golledge Electronics Ltd MP03634 Datasheet HTML 5Page - Golledge Electronics Ltd MP03634 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 350.0MHz
Model: TB0672A
Part No: MP03634
Rev No: 1
TB0672A v1
4
D. TEST CIRCUIT:
SAW
Filter
L1
L2
C1
C2
Zin
Zout
K
D
D
ZIN = ZOUT = 50
L1 = 27nH, C1 = 57pF, L2 = 18nH, C2 = 68pF
E. OUTLINE DRAWING:
K: RF input
D: RF output
L, M, A, B, C, E, F, G, H, I: Ground
Unit: mm


同様の部品番号 - MP03634

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
MP03633 GOLLEDGE-MP03633 Datasheet
87Kb / 6P
   SAW Filter 350.0MHz
MP03635 GOLLEDGE-MP03635 Datasheet
91Kb / 4P
   SAW Filter 351.10MHz
MP03636 GOLLEDGE-MP03636 Datasheet
111Kb / 7P
   SAW Filter 359.20MHz
MP03637 GOLLEDGE-MP03637 Datasheet
102Kb / 6P
   SAW Filter 360.0MHz
More results

同様の説明 - MP03634

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
MP03633 GOLLEDGE-MP03633 Datasheet
87Kb / 6P
   SAW Filter 350.0MHz
MA07022 GOLLEDGE-MA07022 Datasheet
104Kb / 3P
   SAW Filter 350.0MHz
MP05901 GOLLEDGE-MP05901 Datasheet
53Kb / 6P
   SAW Filter 350.0MHz
logo
Nel Frequency Controls,...
SU-A2D10 NEL-SU-A2D10 Datasheet
130Kb / 2P
   Frequency Range: 80.0MHz to 350.0MHz
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com