データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RPK-35V332MJ9DGQ データシート(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

部品番号 RPK-35V332MJ9DGQ
部品情報  FOR AUTOMOTIVE MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RPK]
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
ホームページ  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

RPK-35V332MJ9DGQ データシート(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  RPK-35V332MJ9DGQ Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc RPK-35V332MJ9DGQ Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
FOR AUTOMOTIVE MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RPK]
RPK-35V332MJ9DGQ
Features
Item Summary
3300uF±20%, 35V, φ16x40mm, Leaded
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
100
Products characteristics table
Capacitance
3300 uF ± 20 %
Rated Voltage
35 V
tanδ (max)
0.16
Operating Temp. Range
-40 to +125 ℃
Leakage current (min)
1155 uA at 2 min
Rated Ripple (max)
4300 mArms at 100k Hz / 125 ℃
Impedance ratio
3
___[-40℃/+20℃]
ESR (max)
0.017 Ω at 100k Hz / 20 ℃
Endurance
5000 hr at 125 ℃
___[Test time]
Endurance
Within ±30% of initial value
___[Capacitance change]
Endurance
300% or less of initial specified value
___[tanδchange]
Shape
Miniature, Lead terminal,
for Vibration
Type
High Temperature, Low ESR, high ripple curre
nt
Structure
Whisker Proof Type
RoHS2 Compliance
Yes
REACH Compliance
Yes
Soldering
Flow
External Dimensions
Dimension φD
Max φ16 +0.5 mm
Dimension L
Max 40 +2 mm
Dimension P (F)
7.5 ±0.5 mm
Dimension C (d)
φ0.8 ±0.05 mm
2018.11.22
1 / 1


同様の部品番号 - RPK-35V332MJ9DGQ

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
RPK-35V332MJ9DG TAIYO-YUDEN-RPK-35V332MJ9DG Datasheet
260Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RPK]
More results

同様の説明 - RPK-35V332MJ9DGQ

メーカー部品番号データシート部品情報
logo
Taiyo Yuden (U.S.A.), I...
RPK-25V392MK6DGQ TAIYO-YUDEN-RPK-25V392MK6DGQ Datasheet
261Kb / 2P
   FOR AUTOMOTIVE MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RPK]
RPK-10V332MK5DGQ TAIYO-YUDEN-RPK-10V332MK5DGQ Datasheet
261Kb / 2P
   FOR AUTOMOTIVE MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RPK]
RPK-16V102MI5DGQ TAIYO-YUDEN-RPK-16V102MI5DGQ Datasheet
260Kb / 2P
   FOR AUTOMOTIVE MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RPK]
RPK-16V222MJ6DGQ TAIYO-YUDEN-RPK-16V222MJ6DGQ Datasheet
260Kb / 2P
   FOR AUTOMOTIVE MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RPK]
RPK-25V222MJ6DGQ TAIYO-YUDEN-RPK-25V222MJ6DGQ Datasheet
260Kb / 2P
   FOR AUTOMOTIVE MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RPK]
RPK-25V272MI8DGQ TAIYO-YUDEN-RPK-25V272MI8DGQ Datasheet
260Kb / 2P
   FOR AUTOMOTIVE MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RPK]
RPK-25V562MK8DGQ TAIYO-YUDEN-RPK-25V562MK8DGQ Datasheet
261Kb / 2P
   FOR AUTOMOTIVE MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RPK]
RPK-35V182MJ6DGQ TAIYO-YUDEN-RPK-35V182MJ6DGQ Datasheet
261Kb / 2P
   FOR AUTOMOTIVE MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RPK]
RPK-25V392MJ8DGQ TAIYO-YUDEN-RPK-25V392MJ8DGQ Datasheet
261Kb / 2P
   FOR AUTOMOTIVE MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RPK]
RPK-25V682MK9DGQ TAIYO-YUDEN-RPK-25V682MK9DGQ Datasheet
260Kb / 2P
   FOR AUTOMOTIVE MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RPK]
RPK-35V152MI8DGQ TAIYO-YUDEN-RPK-35V152MI8DGQ Datasheet
260Kb / 2P
   FOR AUTOMOTIVE MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RPK]
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com