データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TA1615A データシート(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TA1615A
部品情報  SAW Filter 314.67MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1615A データシート(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1615A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1615A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1615A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1615A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1615A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1615A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1615A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 314.67MHz
MODEL NO.:TA1615A
REV. NO.:1.0
A. MAXIMUM RATING:
1. Input Power Level: 13 dBm
2. DC Voltage : 0V
3. Operating Temperature: -40°C to +105°C
4. Storage Temperature: -40°C to +105°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance (single)
:
Zs = 50 Ω
Terminating load impedance(single)
:
ZL = 50 Ω 
Item
Unit
Min
Type.
Max
Center Frequency
Fc
MHz
-
314.67
-
Minimum Insertion Loss αmin
Incl. Loss in matching elements (314.24 ~ 315.10 MHz)
dB
1.9
2.7
Excl. Loss in matching elements (314.24 ~ 315.10 MHz)
dB
1.0
1.8
Pass Band
(Relative to
αmin)
314.24 ~ 315.10 MHz 1
1.1
2.5
314.19 ~ 315.15 MHz 2
1.3
3.0
Relative Attenuation (Relative to
αmin) αrel
10 ~ 250
MHz
dB
45
53
250 ~ 295
MHz
dB
35
41
295 ~ 305
MHz
dB
32
37
305 ~ 313.4
MHz
dB
13
17
316 ~ 318
MHz
dB
13
15
318 ~ 323
MHz
dB
13
17
323 ~ 330
MHz
dB
25
30
330 ~ 340
MHz
dB
32
35
340 ~ 600
MHz
dB
35
40
600 ~ 1000
MHz
dB
50
55
1000 ~ 2500
MHz
dB
50
55
Package size
mm
SMD
3x3
RoHS Compliant
Lead free
Lead-free soldering


同様の部品番号 - TA1615A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TA1610A TAI-SAW-TA1610A Datasheet
177Kb / 8P
   SAW Filter 915MHz 26MHz BW SMD 1.4x1.1 mm
logo
Beijing Yaohuadechang E...
TA1610FP YHDC-TA1610FP Datasheet
2Mb / 1P
   Electronic power general current transformer
TA1610P YHDC-TA1610P Datasheet
1Mb / 1P
   Electronic power general current transformer
logo
VITALCONN ELECTRONICS H...
TA16111S1 VITALCONN-TA16111S1 Datasheet
252Kb / 1P
   POWER OVER ETHERNET PoE MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
TA16112S1 VITALCONN-TA16112S1 Datasheet
253Kb / 1P
   POWER OVER ETHERNET PoE Plus MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
More results

同様の説明 - TA1615A

メーカー部品番号データシート部品情報
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
B39272B4329P810 TDK-B39272B4329P810 Datasheet
94Kb / 8P
   SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com