データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LFXTAL050991 データシート(PDF) 1 Page - IQD Frequency Products Ltd

部品番号 LFXTAL050991
部品情報  Quartz Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IQD [IQD Frequency Products Ltd]
ホームページ  http://www.iqdfrequencyproducts.com/
Logo IQD - IQD Frequency Products Ltd

LFXTAL050991 データシート(HTML) 1 Page - IQD Frequency Products Ltd

  LFXTAL050991 Datasheet HTML 1Page - IQD Frequency Products Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part No. + Packaging: LFXTAL050991Reel
Quartz Crystal Specification
Outline (mm)
Description
2.5 x 2mm SMD crystal in a hermetically sealed ceramic
package with a seam sealed metal lid.
CFPX-218
Model
Model Issue number
4
Frequency Parameters
Frequency
26.0MHz
Frequency Tolerance
±20.00ppm
@ 25°C
Tolerance Condition
Frequency Stability
±20.00ppm
-40.00 to 85.00°C
Operating Temperature Range
Fundamental
Overtone Order
Ageing
±3ppm max per year @ 25°C
Electrical Parameters
Load Capacitance (CL)
10.00pF
Shunt Capacitance (C0)
5pF max
Drive Level
100µW max
100.00
Ω max
ESR
Environmental Parameters
Storage Temperature Range: -55 to 125°C
Drop: 100cm drop (3 times) onto hard wooden board.
Vibration: MIL-STD-883F, Method 2007.3: 20G
(20Hz-2000Hz), 1.52mm amplitude, 20mins in 3 mutually
perpendicular planes (total 4hrs).
Manufacturing Details
Maximum Process Temperature: 260°C (10secs max)
Compliance
Compliant
RoHS Status (2011/65/EU)
Compliant
REACh Status
MSL Rating (JDEC-STD-033):
Not Applicable
Packaging Details
Tape & reel in accordance with EIA-481-D
Pack Style: Reel
Pack Size: 1,000
Alternative packing option available
Sales Office Contact Details:
USA: +1.760.318.2824
France: 0800 901 383
UK: +44 (0)1460 270200
Germany: 0800 1808 443
Email: info@iqdfrequencyproducts.com
Web: www.iqdfrequencyproducts.com
Page 1 of 1


同様の部品番号 - LFXTAL050991

メーカー部品番号データシート部品情報
logo
IQD Frequency Products ...
LFXTAL050510 IQD-LFXTAL050510 Datasheet
670Kb / 1P
   Quartz Crystal
LFXTAL050632 IQD-LFXTAL050632 Datasheet
783Kb / 1P
   Quartz Crystal
LFXTAL050789 IQD-LFXTAL050789 Datasheet
174Kb / 1P
   Quartz Crystal
More results

同様の説明 - LFXTAL050991

メーカー部品番号データシート部品情報
logo
Jauch Quartz Gmbh
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
   Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
   Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
   Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
   Quartz Crystal
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
   Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
   Quartz Crystal
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
   QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
IQD Frequency Products ...
LFXTAL032878 IQD-LFXTAL032878 Datasheet
268Kb / 1P
   Quartz Crystal
LFXTAL057623 IQD-LFXTAL057623 Datasheet
144Kb / 1P
   Quartz Crystal
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com