データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLR3705Z データシート(PDF) 2 Page - International Rectifier

部品番号 IRLR3705Z
部品情報  Specifically designed for Automotive applications,this HEXFET Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLR3705Z データシート(HTML) 2 Page - International Rectifier

  IRLR3705Z Datasheet HTML 1Page - International Rectifier IRLR3705Z Datasheet HTML 2Page - International Rectifier IRLR3705Z Datasheet HTML 3Page - International Rectifier IRLR3705Z Datasheet HTML 4Page - International Rectifier IRLR3705Z Datasheet HTML 5Page - International Rectifier IRLR3705Z Datasheet HTML 6Page - International Rectifier IRLR3705Z Datasheet HTML 7Page - International Rectifier IRLR3705Z Datasheet HTML 8Page - International Rectifier IRLR3705Z Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRLR/U3705Z
2
www.irf.com
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
55
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.053
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
6.5
8.0
m
–––
–––
11
–––
–––
12
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
gfs
Forward Transconductance
89
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Qg
Total Gate Charge
–––
44
66
Qgs
Gate-to-Source Charge
–––
13
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
22
–––
td(on)
Turn-On Delay Time
–––
17
–––
tr
Rise Time
–––
150
–––
td(off)
Turn-Off Delay Time
–––
33
–––
ns
tf
Fall Time
–––
70
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
2900
–––
Coss
Output Capacitance
–––
420
–––
Crss
Reverse Transfer Capacitance
–––
230
–––
pF
Coss
Output Capacitance
–––
1550
–––
Coss
Output Capacitance
–––
320
–––
Coss eff.
Effective Output Capacitance
–––
500
–––
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
42
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
360
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
21
42
ns
Qrr
Reverse Recovery Charge
–––
14
28
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VGS = 16V
VGS = -16V
VDS = VGS, ID = 250µA
VDS = 55V, VGS = 0V
VDS = 55V, VGS = 0V, TJ = 125°C
VDS = 44V
VDS = 25V, ID = 42A
ID = 42A
Conditions
VGS = 5.0V
e
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 44V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 44V
f
MOSFET symbol
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = 42A, VGS = 0V e
TJ = 25°C, IF = 42A, VDD = 28V
di/dt = 100A/µs
e
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 4.5V, ID = 21A
e
VGS = 10V, ID = 42A
e
VGS = 5.0V, ID = 34A
e
VGS = 5.0V
e
VDD = 28V
ID = 42A
RG = 4.2 Ω


同様の部品番号 - IRLR3705Z

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
IRLR3705Z ISC-IRLR3705Z Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRLR3705ZPBF IRF-IRLR3705ZPBF Datasheet
349Kb / 11P
   AUTOMOTIVE MOSFET HEXFET Power MOSFET
IRLR3705ZPBF IRF-IRLR3705ZPBF Datasheet
346Kb / 11P
   Advanced Process Technology
IRLR3705ZPBF IRF-IRLR3705ZPBF_15 Datasheet
346Kb / 11P
   Advanced Process Technology
More results

同様の説明 - IRLR3705Z

メーカー部品番号データシート部品情報
logo
International Rectifier
AUIRFS3207Z IRF-AUIRFS3207Z Datasheet
266Kb / 13P
   Specifically designed for Automotive applications
AUIRFP4004 IRF-AUIRFP4004 Datasheet
281Kb / 11P
   Specifically designed for Automotive applications
AUIRLR2905Z IRF-AUIRLR2905Z Datasheet
278Kb / 13P
   Specifically designed for Automotive applications
AUIRFR4620 IRF-AUIRFR4620 Datasheet
241Kb / 12P
   Specifically designed for Automotive applications
logo
TE Connectivity Ltd
U7100 TEC-U7100 Datasheet
321Kb / 7P
   Designed specifically for high volume applications
logo
ADTech
MAGIC9 ADTECH-MAGIC9 Datasheet
166Kb / 8P
   specifically designed for LED lighting applications for AC power system
logo
Raltron Electronics Cor...
VC8825A RALTRON-VC8825A Datasheet
84Kb / 2P
   Specifically designed for OC192
logo
Infineon Technologies A...
AUIRF1018ES INFINEON-AUIRF1018ES Datasheet
664Kb / 10P
   Specifically designed for Automotive applications, this HEXFET짰 Power MOSFET utilizes the latest processing techniques to achieve extremely low on-resistance per silicon area.
2015-11-23
logo
Mitsubishi Electric Sem...
RD06HVF1 MITSUBISHI-RD06HVF1 Datasheet
381Kb / 8P
   MOS FET type transistor specifically designed for VHF RF power amplifiers applications.
RD100HHF1 MITSUBISHI-RD100HHF1 Datasheet
179Kb / 7P
   MOS FET type transistor specifically designed for HF High power amplifiers applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com