データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EAAPMST3923A3 データシート(PDF) 18 Page - Everlight Electronics Co., Ltd

部品番号 EAAPMST3923A3
部品情報  Ambient Light Sensor and Proximity Sensor with I2C Interface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  EVERLIGHT [Everlight Electronics Co., Ltd]
ホームページ  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAAPMST3923A3 データシート(HTML) 18 Page - Everlight Electronics Co., Ltd

Back Button EAAPMST3923A3 Datasheet HTML 14Page - Everlight Electronics Co., Ltd EAAPMST3923A3 Datasheet HTML 15Page - Everlight Electronics Co., Ltd EAAPMST3923A3 Datasheet HTML 16Page - Everlight Electronics Co., Ltd EAAPMST3923A3 Datasheet HTML 17Page - Everlight Electronics Co., Ltd EAAPMST3923A3 Datasheet HTML 18Page - Everlight Electronics Co., Ltd EAAPMST3923A3 Datasheet HTML 19Page - Everlight Electronics Co., Ltd EAAPMST3923A3 Datasheet HTML 20Page - Everlight Electronics Co., Ltd EAAPMST3923A3 Datasheet HTML 21Page - Everlight Electronics Co., Ltd EAAPMST3923A3 Datasheet HTML 22Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Flag Set Condition
The interrupt flag is set with condition below and INT pin will be active.
Detection count = PS persistence setting count
The number of persistence is selectable from 1, 4, 8, and 16 times by an Interrupt Setting Register.
Typical Application Circuit
Fig7. PS Interrupt Operation Timing Diagram
Micro-
controller
VDD
GND
LEDA
LEDK
IRDR
1.7~3.5V
1.7~3.5V
APM-16D18-00-DF8
100k
Ω
>2k
Ω
>2k
Ω
100nF
SCL
SDA
INT
≥1uF
2.5~3.5V
1uF
(optional)
DATASHEET
EAAPMST3923A3
Page 18 of 23
Rev. 0.01
Ver.:3
Release Date:03/21/2017
狀態:Approved(正式發行)
 


同様の部品番号 - EAAPMST3923A3

メーカー部品番号データシート部品情報
logo
Everlight Electronics C...
EAAPMST3923A1 EVERLIGHT-EAAPMST3923A1 Datasheet
552Kb / 17P
   Proximity Sensor with I2C Interface
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
More results

同様の説明 - EAAPMST3923A3

メーカー部品番号データシート部品情報
logo
Everlight Electronics C...
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
   Ambient Light Sensor and Proximity Sensor with I2C Interface
logo
Silicon Laboratories
SI1141 SILABS-SI1141 Datasheet
505Kb / 66P
   PROXIMITY/AMBIENT LIGHT SENSOR IC WITH I2C INTERFACE
SI1153-AB9X-GMR SILABS-SI1153-AB9X-GMR Datasheet
918Kb / 61P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.3
SI115X SILABS-SI115X Datasheet
1Mb / 65P
   Proximity/Ambient Light Sensor IC with I2C Interface
Rev. 1.4
SI1143-M01-GMR SILABS-SI1143-M01-GMR Datasheet
1Mb / 79P
   PROXIMITY/AMBIENT LIGHT SENSOR MODULE WITH I2C INTERFACE
Rev. 1.1 12/14
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
logo
Fairchild Semiconductor
FLD00050 FAIRCHILD-FLD00050 Datasheet
2Mb / 22P
   I2C Digital Ambient Light and Proximity Sensor
logo
ON Semiconductor
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
   Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
logo
Vishay Siliconix
VCNL4200 VISHAY-VCNL4200_V01 Datasheet
230Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
01-Jan-2022
VCNL4200 VISHAY-VCNL4200 Datasheet
212Kb / 18P
   High Sensitivity Long Distance Proximity and Ambient Light Sensor With I2C Interface
Rev. 1.1, 22-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com