データシートサーチシステム |
|
TL16C2550PFB データシート(PDF) 6 Page - Texas Instruments |
|
|
TL16C2550PFB データシート(HTML) 6 Page - Texas Instruments |
6 / 34 page www.ti.com RCV FIFO Serial to Parallel Flow Control XMT FIFO Parallel to Serial Flow Control Parallel to Serial Flow Control Serial to Parallel Flow Control XMT FIFO RCV FIFO ACE1 ACE2 D7 −D0 SIN SOUT RTS CTS SOUT SIN CTS RTS D7 −D0 Auto-RTS (see Figure 2) Auto-CTS (see Figure 2) Enabling Autoflow Control and Auto-CTS Auto-CTS and Auto-RTS Functional Timing Start Bits 0 −7 Start Bits 0 −7 Start Bits 0 −7 Stop Stop Stop SOUT CTS TL16C2550 SLWS161 – JUNE 2005 Figure 2. Autoflow Control (Auto-RTS and Auto-CTS) Example Auto-RTS data flow control originates in the receiver timing and control block (see functional block diagram) and is linked to the programmed receiver FIFO trigger level. When the receiver FIFO level reaches a trigger level of 1, 4, or 8 (see Figure 3), RTS is deasserted. With trigger levels of 1, 4, and 8, the sending ACE may send an additional byte after the trigger level is reached (assuming the sending ACE has another byte to send) because it may not recognize the deassertion of RTS until after it has begun sending the additional byte. RTS is automatically reasserted once the RCV FIFO is emptied by reading the receiver buffer register. When the trigger level is 14 (see Figure 4), RTS is deasserted after the first data bit of the 16th character is present on the RX line. RTS is reasserted when the RCV FIFO has at least one available byte space. The transmitter circuitry checks CTS before sending the next data byte. When CTS is active, it sends the next byte. To stop the transmitter from sending the following byte, CTS must be released before the middle of the last stop bit that is currently being sent (see Figure 2). The auto-CTS function reduces interrupts to the host system. When flow control is enabled, CTS level changes do not trigger host interrupts because the device automatically controls its own transmitter. Without auto-CTS, the transmitter sends any data present in the transmit FIFO and a receiver overrun error may result. Autoflow control is enabled by setting modem control register bits 5 (autoflow enable or AFE) and 1 (RTS) to a 1. Autoflow incorporates both auto-RTS and auto-CTS. When only auto-CTS is desired, bit 1 in the modem control register should be cleared (this assumes that a control signal is driving CTS). Figure 3. CTS Functional Timing Waveforms 6 |
同様の部品番号 - TL16C2550PFB |
|
同様の説明 - TL16C2550PFB |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |