データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC1GU256NBVA-0QC00 データシート(PDF) 5 Page - Samsung semiconductor

部品番号 MC1GU256NBVA-0QC00
部品情報  MultiMediaCard Specification
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMSUNG [Samsung semiconductor]
ホームページ  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

MC1GU256NBVA-0QC00 データシート(HTML) 5 Page - Samsung semiconductor

  MC1GU256NBVA-0QC00 Datasheet HTML 1Page - Samsung semiconductor MC1GU256NBVA-0QC00 Datasheet HTML 2Page - Samsung semiconductor MC1GU256NBVA-0QC00 Datasheet HTML 3Page - Samsung semiconductor MC1GU256NBVA-0QC00 Datasheet HTML 4Page - Samsung semiconductor MC1GU256NBVA-0QC00 Datasheet HTML 5Page - Samsung semiconductor MC1GU256NBVA-0QC00 Datasheet HTML 6Page - Samsung semiconductor MC1GU256NBVA-0QC00 Datasheet HTML 7Page - Samsung semiconductor MC1GU256NBVA-0QC00 Datasheet HTML 8Page - Samsung semiconductor MC1GU256NBVA-0QC00 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 66 page
background image
MultiMediaCard
TM
5
1 Introduction to the MultiMediaCard
The MultiMediaCard is a universal low cost data storage and communication media. It is designed to
cover a wide area of applications as cellula phone, electronic toys, organizers, PDAs, cameras, smart
phones, digital recorders, MP3 players, pagers, etc. Targeted features are high mobility and high
performance at a low cost price. It might also be expressed in terms of low power consumption and
high data throughput at the memory card interface
The MultiMediaCard communication is based on an advanced 7-pin serial bus designed to operate in a
low voltage range. The communication protocol is defined as a part of this standard and referred to as
MultiMediaCard mode. For compatibility to existing controllers the cards may offer, in addition to the
MultiMediaCard mode, an alternate communication protocol which is based on the SPI standard
1.1 System Features
- MultiMediaCard System Specification Ver.3.31 compatible
- Supports Standard MultiMediaCard bus
- Supports SPI Mode (single and multiple block read and write operations)
- Supports block read/write
- Targeted for portable and stationary applications
- Maximum data rate with up to 10 cards
- Correction of memory field errors
- Built-in write protection features (permanent and temporary)
- Comfortable erase mechanism
- 2.7 to 3.6 volts operation
1.2 Product Model
Table 1-1 MultiMediaCard Capacities (Packing Type:Bulk Type I)
Model Number
Capacities
Remarks
MC56U032NCFA-0QC00
32MB
MC12U064NBFA-0QC00
64MB
MC1GU128NAFA-0QC00
128MB
MC2DU256NAFA-0QC00
256MB
MC2GU512NMCA-0QC00
512MB
MC2GU01GNMCA-0QC00
1GB
. Full Size MMC
. S3F49DAX Controller
MC56U032HCCA-0QC00
32MB
MC12U064HACA-0QC00
64MB
MC1GU128HACA-0QC00
128MB
MC1GU256HACA-0QC00
256MB
. Reduced-Size MMC
(RS-MMC)
. S3F49DAX Controller


同様の部品番号 - MC1GU256NBVA-0QC00

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
MC1GH128DACA-2SA00 SAMSUNG-MC1GH128DACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
MC1GH128NACA-2SA00 SAMSUNG-MC1GH128NACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
MC1GH256DACA-2SA00 SAMSUNG-MC1GH256DACA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
More results

同様の説明 - MC1GU256NBVA-0QC00

メーカー部品番号データシート部品情報
logo
Samsung semiconductor
MC56U032DCCA SAMSUNG-MC56U032DCCA Datasheet
1Mb / 64P
   Dual Voltage MultiMediaCard Specification
logo
OKI electronic componet...
MR57T00101F OKI-MR57T00101F Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Transcend Information. ...
TS128MMC TRANSCEND-TS128MMC Datasheet
266Kb / 10P
   MultiMediaCard
logo
Samsung semiconductor
S3F49DAX SAMSUNG-S3F49DAX Datasheet
202Kb / 44P
   MultiMediaCard Controllers
logo
OKI electronic componet...
MR57T01601J OKI-MR57T01601J Datasheet
147Kb / 24P
   P2ROM MultiMediaCard
MR57T00801G OKI-MR57T00801G Datasheet
148Kb / 24P
   P2ROM MultiMediaCard
MR57T00401J OKI-MR57T00401J Datasheet
150Kb / 24P
   P2ROM MultiMediaCard
logo
Samsung semiconductor
MC12H064NBCA-2SA00 SAMSUNG-MC12H064NBCA-2SA00 Datasheet
2Mb / 102P
   SAMSUNG MultiMediaCard
logo
Hitachi Semiconductor
HB288032MM1 HITACHI-HB288032MM1 Datasheet
236Kb / 80P
   MultiMediaCard 32 MByte
HB288064MM1 HITACHI-HB288064MM1 Datasheet
233Kb / 79P
   MultiMediaCard 64 MByte
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com