データシートサーチシステム |
|
AD5555 データシート(PDF) 7 Page - Analog Devices |
|
AD5555 データシート(HTML) 7 Page - Analog Devices |
7 / 32 page AD5429/AD5439/AD5449 Rev. 0 | Page 7 of 32 ABSOLUTE MAXIMUM RATINGS Table 3. Parameter Rating VDD to GND −0.3 V to +7 V VREF, RFB to GND −12 V to +12 V IOUT1, IOUT2 to GND −0.3 V to +7 V Input Current to Any Pin except Supplies ±10 mA Logic Inputs and Output1 −0.3 V to VDD + 0.3 V Operating Temperature Range Extended (Y Version) −40°C to +125°C Storage Temperature Range −65°C to +150°C Junction Temperature 150°C 16-Lead TSSOP θJA Thermal Impedance 150°C/W Lead Temperature, Soldering (10 s) 300°C IR Reflow, Peak Temperature (< 20 s) 235°C 1 Overvoltages at SCLK, SYNC, and DIN are clamped by internal diodes. Current should be limited to the maximum ratings given. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Only one absolute maximum rating may be applied at any one time. Transient currents of up to 100 mA do not cause SCR latch-up. TA = 25°C unless otherwise noted. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
同様の部品番号 - AD5555 |
|
同様の説明 - AD5555 |