データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ESD-FPD-16-1 データシート(PDF) 4 Page - Kemet Corporation

部品番号 ESD-FPD-16-1
部品情報  ESD-FPD-1 Series Split Cores with Plastic Clamp for Flat Cables for High Frequency (Bare)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-FPD-16-1 データシート(HTML) 4 Page - Kemet Corporation

  ESD-FPD-16-1 Datasheet HTML 1Page - Kemet Corporation ESD-FPD-16-1 Datasheet HTML 2Page - Kemet Corporation ESD-FPD-16-1 Datasheet HTML 3Page - Kemet Corporation ESD-FPD-16-1 Datasheet HTML 4Page - Kemet Corporation ESD-FPD-16-1 Datasheet HTML 5Page - Kemet Corporation ESD-FPD-16-1 Datasheet HTML 6Page - Kemet Corporation ESD-FPD-16-1 Datasheet HTML 7Page - Kemet Corporation ESD-FPD-16-1 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
E5008_ESD-FPD-1 • 9/17/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
EMI Core – ESD-FPD-1 Series Split Cores with Plastic Clamp for Flat Cables for High Frequency (Bare)
Dimensions – Millimeters
Core
Clamp (Black nylon with cable stopper)
See Table 1 for dimensions
Installation Example


同様の部品番号 - ESD-FPD-16-1

メーカー部品番号データシート部品情報
logo
NEC
ESD-FPD-16-1 NEC-ESD-FPD-16-1 Datasheet
1Mb / 31P
   EMI Core
More results

同様の説明 - ESD-FPD-16-1

メーカー部品番号データシート部品情報
logo
Kemet Corporation
ESD-FPD-16 KEMET-ESD-FPD-16 Datasheet
523Kb / 7P
   ESD-FPD Series Split Cores with Metal Clamp for Flat Cables for High Frequency (Bare)
ESD-FPL-14.5-3 KEMET-ESD-FPL-14.5-3 Datasheet
1Mb / 17P
   ESD-FPL Series Solid Cores for Flat Cables for High Frequency (Bare)
B-20L-48B-A KEMET-B-20L-48B-A Datasheet
582Kb / 8P
   B-20 Bead Cores for Round Cables for Low & High Frequency (Bare & coated)
ESD-R-31SR-P KEMET-ESD-R-31SR-P Datasheet
801Kb / 9P
   ESD-R-SR Toroidal Cores for Round Cables for Low Frequency at 150 kHz (Bare, coated & with case)
ESD-SR-S38G KEMET-ESD-SR-S38G Datasheet
1Mb / 10P
   ESD-SR Snap-on Cores for Round Cables for Low & High Frequency (with case)
ESD-R-19B KEMET-ESD-R-19B Datasheet
664Kb / 9P
   ESD-R-B Toroidal Cores for Round Cables for Low & High Frequency (with snail-shaped case)
ESD-SR-160H KEMET-ESD-SR-160H Datasheet
504Kb / 7P
   ESD-SR-H/HL Snap-on Cores for Round Cables for High Frequency (with High Heat Resistance & Cable Holding Mechanism case)
ESD-SR KEMET-ESD-SR Datasheet
666Kb / 6P
   Snap-on Cores for Round Cables
logo
List of Unclassifed Man...
KRFC ETC2-KRFC Datasheet
392Kb / 1P
   Split ferrite clamp for intermediate frequency range from 3 to 50MHz.
FA28B0121 ETC2-FA28B0121 Datasheet
584Kb / 1P
   flat cable clamp - flat cables up to 50-conductor widths
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com