データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MP03754 データシート(PDF) 1 Page - Golledge Electronics Ltd

部品番号 MP03754
部品情報  SAW Filter 400.0MHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  GOLLEDGE [Golledge Electronics Ltd]
ホームページ  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03754 データシート(HTML) 1 Page - Golledge Electronics Ltd

  MP03754 Datasheet HTML 1Page - Golledge Electronics Ltd MP03754 Datasheet HTML 2Page - Golledge Electronics Ltd MP03754 Datasheet HTML 3Page - Golledge Electronics Ltd MP03754 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 400.0MHz
Model: TA0971A
Part No: MP03754
Rev No: 1
TA0971A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 6V
3. Operating Temperature: -40°C to +125°C
4. Storage Temperature: -40°C to +125°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Note
Center frequency Fc (MHz)
-
400
-
1
Minimum IL (dB) IL min
-
3.0
4.0
Pass band (relative to IL min)
1
399.875 ~ 400.125MHz (dB)
-
0.7
3.0
Attenuation: (relative to IL min) (dB)
1
10.0 ~ 370.0MHz (dB)
50
56
-
370.0 ~ 390.0MHz (dB)
42
46
-
390.0 ~ 398.8MHz (dB)
22
25
-
401.0 ~ 409.0MHz (dB)
10
22
-
409.0 ~ 414.0MHz (dB)
30
40
-
414.0 ~ 800.0MHz (dB)
42
50
-
800.0 ~ 2500.0MHz (dB)
45
55
Impedance at FC; Input ZIN = RIN // CIN
865
Ω // 2 pF
865
Ω // 2 pF
Output ZOUT = ROUT // COUT
Turnover To (deg. C)
Note 1: The standard definitions is in JIS C 6703


同様の部品番号 - MP03754

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
MP03755 GOLLEDGE-MP03755 Datasheet
111Kb / 7P
   SAW Filter 702.0MHz
MP03759 GOLLEDGE-MP03759 Datasheet
104Kb / 6P
   SAW Filter 1588.6550MHz
More results

同様の説明 - MP03754

メーカー部品番号データシート部品情報
logo
Golledge Electronics Lt...
MP05902 GOLLEDGE-MP05902 Datasheet
64Kb / 5P
   SAW Filter 400.0MHz
MA09985 GOLLEDGE-MA09985 Datasheet
132Kb / 6P
   400.0MHz SAW Filter
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com