データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA-0359 データシート(PDF) 3 Page - TDK Electronics

部品番号 CXA-0359
部品情報  Dimming/Connector Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TDK [TDK Electronics]
ホームページ  http://www.tdk.com
Logo TDK - TDK Electronics

CXA-0359 データシート(HTML) 3 Page - TDK Electronics

  CXA-0359 Datasheet HTML 1Page - TDK Electronics CXA-0359 Datasheet HTML 2Page - TDK Electronics CXA-0359 Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Connections
CXA-0359
RL:Load resistance(7W minimum)
CL:Distributed capacity capacitor(3kV
minimum)
SW1
Unit operation
aOperation
b
Does not operate
Open
Operation
Operate as follows by switching SW1.
SW2
Unit operation
a
Voltage dimmer
Vbr=0 to 2.5V
b
Volume dimmer
VR=0 to 10kΩ
Operate as follows by switching SW2.
Vbr=0V:Maximum brightness
Rbr=0Ω:
Maximum brightness
Load condition
Alarm output
(CN1-8 )
※1
Shut-down function
※2
Normal condition
0.5V max.
Does not shut down
When one load
(lamp) is run-out
5 0.5V
Does not shut down
When 2 loads
(lamps) is run-out
5 0.5V
Shut down
Protection circuit operation
※1: In the case of low mode, and more than one of SW4-SW6 in
the connection diagram was open, alarm signal will output
5V. (Please make CN1-8 opening in a high mode)
※2: When all lamps were opened, this inverter has included
protective function to stop operation in about 10 seconds.
SW3
Unit operation
a
High-mode
(Lamp current 7mArms/Lamp)
b
Low-mode
(Lamp current 5mArms/Lamp)
Open
Low-mode
(Lamp current 5mArms/Lamp)
Operate as follows by switching SW3.
・All specifications are subject to change without notice.
3


同様の部品番号 - CXA-0359

メーカー部品番号データシート部品情報
logo
Power Systems GmbH+Co.K...
CXA-0359 POWER-SYSTEMS-CXA-0359 Datasheet
152Kb / 3P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS WITH DIMMING FUNCTION
CXA-0359R POWER-SYSTEMS-CXA-0359R Datasheet
152Kb / 3P
   DC-AC INVERTER UNIT 8 W DUAL OUTPUTS WITH DIMMING FUNCTION
More results

同様の説明 - CXA-0359

メーカー部品番号データシート部品情報
logo
TDK Electronics
CXA-0441 TDK-CXA-0441 Datasheet
231Kb / 3P
   Dimming/Connector Type
CXA-0474 TDK-CXA-0474 Datasheet
236Kb / 4P
   Dimming/Connector Type
CXA-0420 TDK-CXA-0420 Datasheet
234Kb / 4P
   Dimming/Connector Type
CXA-0326 TDK-CXA-0326 Datasheet
225Kb / 3P
   Dimming/Connector Type
CXA-0406 TDK-CXA-0406 Datasheet
234Kb / 3P
   Dimming/Connector Type
CXA-P1612-VJL TDK-CXA-P1612-VJL Datasheet
321Kb / 3P
   Dimming/Connector Type
CXA-0538 TDK-CXA-0538 Datasheet
360Kb / 4P
   Dimming/Connector Type
CXA-0320 TDK-CXA-0320 Datasheet
247Kb / 3P
   Dimming/Connector Type
CXA-0462 TDK-CXA-0462 Datasheet
308Kb / 4P
   Dimming/Connector Type
CXA-0463 TDK-CXA-0463 Datasheet
244Kb / 4P
   Dimming/Connector Type
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com