データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA-0538-A データシート(PDF) 2 Page - TDK Electronics

部品番号 CXA-0538-A
部品情報  DC/AC INVERTER UNIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TDK [TDK Electronics]
ホームページ  http://www.tdk.com
Logo TDK - TDK Electronics

CXA-0538-A データシート(HTML) 2 Page - TDK Electronics

  CXA-0538-A Datasheet HTML 1Page - TDK Electronics CXA-0538-A Datasheet HTML 2Page - TDK Electronics CXA-0538-A Datasheet HTML 3Page - TDK Electronics CXA-0538-A Datasheet HTML 4Page - TDK Electronics CXA-0538-A Datasheet HTML 5Page - TDK Electronics CXA-0538-A Datasheet HTML 6Page - TDK Electronics CXA-0538-A Datasheet HTML 7Page - TDK Electronics CXA-0538-A Datasheet HTML 8Page - TDK Electronics CXA-0538-A Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
No.
MATERIALS NAME
MATERIAL
REMARK
PRODUCT NAME or MODEL,TITLE
DC-AC INVERTER UNIT CXA-0538-A
PAGE
NAME OF DRAWING
DRAWING No.
Product Drawing
CTR-3730-A
TSB-08-01-05(00) form-6(A4)
QU
<The specifications may be changed without any notice.>
1
When using this product, give due consideration to the precautionary notes described below
and ensure a safe design. Inappropriate use may result in electric shock, injury or fire.
Caution
Precautionary Notes Regarding the Use of This Inverter
This product is designed for lighting Cold Cathode Fluorescent Lamps.
Do not use it with any other load.
Store this product under the conditions defined in the specification document.
Do not store this product in an environment where dust, dirt or corrosive gas(salt,acid,base, etc.) is present.
This product is subject to high voltage. If there is a possibility that the user may touch the product,
provide a proper warning indication in order to draw the user's attention.
This product is designed for use with general electronic equipment.
If it is to be used with medical equipment that directly affects human life or for the control of
transportation equipment to which passengers entrust their lives, provide thorough fail-safe measures.
Consult us before using if this product is to be installed in a habitual vibration environment (vehicle, etc.).
Avoid using this product under high temperatures or high humidity or in an environment in which
dust, dirt or any corrosive gas (salt,acid,base, etc.) is present.
Also,be careful not to allow the formation of dew condensation. It may result in damage or electric shock.
If the product does not have a built-in protective circuit (circuit breaker, fuse, etc.),
it is recommended that a fuse be used at the input stage to prevent the generation of
smoke or fire in the event of a malfunction.
Even when the product has a built-in protective circuit (circuit breaker, fuse, etc.),
the circuit may not function properly due to inappropriate operating conditions or power-supply capacity.
It is recommended that an appropriate protective circuit (circuit breaker, fuse, etc.)
be provided separately from the built-in circuit.
Use the product only within the specified input voltage, output power, output voltage
and operating temperature ranges. Exceeding these values may result in damage, etc.
Provide a measure for the prevention of surge voltage due to lightning, etc.
Abnormal voltage may result in damage, etc.
To prevent problems from occurring as a result of a short circuit in the high voltage section, be sure to take
appropriate measures to prevent the entry of foreign substances into the inverter after it is installed.
This product is not designed to provide resistance to radiation.
In order to protect the inverter from vibration and shock, be sure to use all the mounting holes when installing
the inverter.
Ripples could be superimposed on the voltage and the current in the input source connected to the inverter ,
depending on the impedance in the input source, wiring, etc.
When you select an input source, please check waveforms, etc on the final set.
Please use all the mounting holes, because to defend the converter from vibration and impact.
Warning
This product is subject to high voltage. Do not touch it while the power is on.
Failing to do so may result in electric shock.
Handling Precautions
This product uses thin wires. Observe the following precautions and handle it with care so
as not to cause wire breakage. Broken wire may result in damage, etc.
Do not stack multiple products on top of one another.
Do not allow the product to come in contact with tools, etc.
Do not apply excessive stress during installation.
It may cause chipping and cracking,resulting in damage, etc.
Provide clearance between the high-voltage section of this product and the frame body on which the product
is installed and also the conductor section as on page 2 , [1] ”Outline” .
Do not use the product after it has been dropped because there is the possibility that components have been
damaged.


同様の部品番号 - CXA-0538-A

メーカー部品番号データシート部品情報
logo
TDK Electronics
CXA-0538 TDK-CXA-0538 Datasheet
360Kb / 4P
   Dimming/Connector Type
More results

同様の説明 - CXA-0538-A

メーカー部品番号データシート部品情報
logo
TDK Electronics
CXA-L0612-VJL TDK-CXA-L0612-VJL Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-0535 TDK-CXA-0535 Datasheet
239Kb / 2P
   DC/AC INVERTER UNIT
CXA-0549 TDK-CXA-0549 Datasheet
229Kb / 9P
   DC/AC INVERTER UNIT
CXA-0308 TDK-CXA-0308 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-K0612-VSL TDK-CXA-K0612-VSL Datasheet
36Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0612 TDK-CXA-L0612 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0712-VJL TDK-CXA-L0712-VJL Datasheet
37Kb / 2P
   DC-AC INVERTER UNIT
CXA-0543 TDK-CXA-0543 Datasheet
114Kb / 2P
   DC/AC INVERTER UNIT
CXA-0271 TDK-CXA-0271 Datasheet
44Kb / 2P
   DC-AC INVERTER UNIT
CXA-P1012B-NJL TDK-CXA-P1012B-NJL Datasheet
206Kb / 9P
   DC/AC INVERTER UNIT
CXA-0547 TDK-CXA-0547 Datasheet
172Kb / 3P
   DC/AC INVERTER UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com