データシートサーチシステム |
|
CXA-0547 データシート(PDF) 2 Page - TDK Electronics |
|
CXA-0547 データシート(HTML) 2 Page - TDK Electronics |
2 / 3 page No. MATERIALS NAME MATERIAL REMARK PRODUCT NAME or MODEL,TITLE DC-AC INVERTER UNIT CXA-0547 PAGE NAME OF DRAWING DRAWING No. Specification Comparison CTR-3911-X TSB-08-01-05(00) form-6(A4) TDK-Lambda QU 1 <The drawing may be changed without any notice.> 1.Appearance, dimension and pin configuration ∴CXA-0349 ∴CXA-0547 The difference between CXA-0349 and CXA-0547. *Product summary 1-1.Appearance 1-2.Dimension and Pin configuration P/N X dimension Y dimension Z dimension diameter of mounting hole pitch of mounting hole CXA-0349 180.0±0.5 37.0±0.5 12max 3.0±0.2 X: 80±0.3,93±0.3 Y: 28±0.3 CXA-0547 P/N Input Connector Output Connector CXA-0349 S7B-PH-SM4-TB(LF)(SN) SM02B-BHSS-1-TB(LF)(SN) CXA-0547 Unit in m m CXA-0547 expands operating temperature range to -20ºC~70ºC compared with CXA-0349. At the same time, all components is mounted by machine. So human error reduces and reliability is improved. Input fuse rating is changed because the lamp impedance at low temperature is high. This product is expected stable supply to the customer by replacement of terminated components. The appearance of CXA-0547 is changed as follows because several component is changed from CXA-0349. The CXA-0349 has several hand mount components indicated in . All of components are mounted by machine in CXA-0547. Dimension, Pin configuration, Mounting hole and Input Output connector are not changed. |
同様の部品番号 - CXA-0547 |
|
同様の説明 - CXA-0547 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |