データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RG-208F データシート(PDF) 5 Page - Kemet Corporation

部品番号 RG-208F
部品情報  RG Metal Cylinder Single-Phase Filters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

RG-208F データシート(HTML) 5 Page - Kemet Corporation

  RG-208F Datasheet HTML 1Page - Kemet Corporation RG-208F Datasheet HTML 2Page - Kemet Corporation RG-208F Datasheet HTML 3Page - Kemet Corporation RG-208F Datasheet HTML 4Page - Kemet Corporation RG-208F Datasheet HTML 5Page - Kemet Corporation RG-208F Datasheet HTML 6Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
ERF0006_RG • 11/19/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
EMI-RFI Filters – RG Metal Cylinder Single-Phase Filters
Handling Precautions
Precautions for product storage
EMI-RFIFiltersshouldbestoredinnormalworkingenvironments.Whilethefiltersthemselvesarequiterobustinother
environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres, and
long term storage.
KEMETrecommendsthatmaximumstoragetemperaturenotexceed40°Candmaximumstoragehumiditynotexceed70%
relativehumidityandatmospheresshouldbefreeofchlorineandsulfurbearingcompounds.Temperaturefluctuations
shouldbeminimizedtoavoidcondensationontheparts.Also,avoidstoragenearstrongmagneticfieldsasthismight
magnetizetheproduct.
Foroptimizedsolderability,EMI-RFIFilters’stockshouldbeusedpromptly,preferablywithin6monthsofreceipt.
Export Control
For customers in Japan
For products which are controlled items subject to the “Foreign Exchange and Foreign Trade Law” of Japan, the export
licensespecifiedbythelawisrequiredforexport.
For customers outside Japan
EMI-RFIFiltersshouldnotbeusedorsoldforuseinthedevelopment,production,stockpiling,orutilizationofany
conventional weapons or mass-destructive weapons (nuclear weapons, chemical or biological weapons, or missiles), or any
other weapons.


同様の部品番号 - RG-208F

メーカー部品番号データシート部品情報
logo
NEC
RG-208F NEC-RG-208F Datasheet
3Mb / 51P
   Noise Filters
logo
Kemet Corporation
RG-208F KEMET-RG-208F Datasheet
80Kb / 1P
   KEMET, RG, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 8 A
logo
NEC
RG-208F1 NEC-RG-208F1 Datasheet
3Mb / 51P
   Noise Filters
RG-208F2 NEC-RG-208F2 Datasheet
3Mb / 51P
   Noise Filters
logo
Kemet Corporation
RG-208F2 KEMET-RG-208F2 Datasheet
80Kb / 1P
   KEMET, RG, EMI/RFI Filters, Noise Suppression, 250 VAC, 250 V, 8 A
More results

同様の説明 - RG-208F

メーカー部品番号データシート部品情報
logo
Kemet Corporation
VU-220F KEMET-VU-220F Datasheet
278Kb / 6P
   VU Metal Cylinder Single-Phase Filters
GT-22001V KEMET-GT-22001V Datasheet
401Kb / 12P
   GT Metal Box Single-Phase Filters
GF-220U KEMET-GF-220U Datasheet
266Kb / 6P
   GF Metal Box Single-Phase Filters
LF-202U-1 KEMET-LF-202U-1 Datasheet
469Kb / 14P
   LF Metal Box Single-Phase & Three-Phase Filters
logo
JMK Inc.
AA-0221-1 JMK-AA-0221-1 Datasheet
37Kb / 1P
   Single Phase AC Filters
AA-0221-5 JMK-AA-0221-5 Datasheet
35Kb / 1P
   Single Phase AC Filters
AA-0221-3 JMK-AA-0221-3 Datasheet
37Kb / 1P
   Single Phase AC Filters
AA-0221-10 JMK-AA-0221-10 Datasheet
34Kb / 1P
   Single Phase AC Filters
AA-0221-2 JMK-AA-0221-2 Datasheet
37Kb / 1P
   Single Phase AC Filters
logo
PREMO CORPORATION S.L
P-1240-016 PREMO-P-1240-016 Datasheet
130Kb / 1P
   Single Phase & 3-Phase Blocking Filters
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com