データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISO7760-Q1 データシート(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
部品番号 ISO7760-Q1
部品情報  High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7760-Q1 データシート(HTML) 15 Page - Texas Instruments

Back Button ISO7760-Q1 Datasheet HTML 11Page - Texas Instruments ISO7760-Q1 Datasheet HTML 12Page - Texas Instruments ISO7760-Q1 Datasheet HTML 13Page - Texas Instruments ISO7760-Q1 Datasheet HTML 14Page - Texas Instruments ISO7760-Q1 Datasheet HTML 15Page - Texas Instruments ISO7760-Q1 Datasheet HTML 16Page - Texas Instruments ISO7760-Q1 Datasheet HTML 17Page - Texas Instruments ISO7760-Q1 Datasheet HTML 18Page - Texas Instruments ISO7760-Q1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
15
ISO7760-Q1, ISO7761-Q1
ISO7762-Q1, ISO7763-Q1
www.ti.com
SLLSEU7 – NOVEMBER 2018
Product Folder Links: ISO7760-Q1 ISO7761-Q1 ISO7762-Q1 ISO7763-Q1
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.15 Switching Characteristics—5-V Supply
VCC1 = VCC2 = 5 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL Propagation delay time
See Figure 18
6
11
16
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.4
4.9
ns
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
4
ns
tsk(pp)
Part-to-part skew time(3)
4.5
ns
tr
Output signal rise time
See Figure 18
1.1
3.9
ns
tf
Output signal fall time
1.4
3.9
ns
tDO
Default output delay time from input power loss
Measured from the time VCC goes
below 1.7 V. See Figure 19
0.2
0.3
μs
tie
Time interval error
216 – 1 PRBS data at 100 Mbps
1.3
ns
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.16 Switching Characteristics—3.3-V Supply
VCC1 = VCC2 = 3.3 V ±10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 18
6
12
16
ns
PWD
Pulse width distortion(1) |tPHL – tPLH|
0.5
5
ns
tsk(o)
Channel-to-channel output skew time(2)
Same-direction channels
4.1
ns
tsk(pp)
Part-to-part skew time(3)
4.5
ns
tr
Output signal rise time
See Figure 18
1
3
ns
tf
Output signal fall time
1
3
ns
tDO
Default output delay time from input power loss
Measured from the time VCC
goes below 1.7 V. See Figure 19
0.2
0.3
μs
tie
Time interval error
216 – 1 PRBS data at 100 Mbps
1.3
ns


同様の部品番号 - ISO7760-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
ISO7760-Q1 TI1-ISO7760-Q1 Datasheet
3Mb / 44P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1_19 Datasheet
3Mb / 44P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
More results

同様の説明 - ISO7760-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
ISO7760 TI1-ISO7760 Datasheet
2Mb / 38P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760 TI1-ISO7760_18 Datasheet
2Mb / 40P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7760-Q1 TI1-ISO7760-Q1_19 Datasheet
3Mb / 44P
[Old version datasheet]   High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
ISO7720-Q1 TI1-ISO7720-Q1_17 Datasheet
1Mb / 36P
[Old version datasheet]   High-Speed, Robust EMC Reinforced Dual-Channel Digital Isolators
ISO7730 TI1-ISO7730_17 Datasheet
1Mb / 39P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Triple-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730_16 Datasheet
1Mb / 37P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
ISO7740 TI1-ISO7740_17 Datasheet
1Mb / 43P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7740-Q1 TI1-ISO7740-Q1_17 Datasheet
1Mb / 42P
[Old version datasheet]   High-Speed, Robust-EMC Reinforced Quad-Channel Digital Isolators
ISO7730 TI1-ISO7730 Datasheet
576Kb / 33P
[Old version datasheet]   High Speed, Robust EMC Reinforced Triple-Channel Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com