データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TB1244A データシート(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

部品番号 TB1244A
部品情報  SAW Filter 69.5MHz 6MHz BW (Plastic Dip 17.2 x 8.9 mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
ホームページ  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1244A データシート(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1244A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1244A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1244A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1244A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1244A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
T
TT
TAIIII-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: 69.5MHz 6MHz BW Plastic Dip 17.2 x 8.9 mm SAW IF Filter
TST Parts No.: TB1244A
Customer Parts No.:
Checked by:
Kazuma Lee
Approval by:
Bob Chau
Date:
06 / 30 / 2016
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


同様の部品番号 - TB1244A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TB1240A TAI-SAW-TB1240A Datasheet
342Kb / 7P
   SAW Filter 260MHz 60MHz BW (SMD 7.0횞5.0mm)
logo
Toshiba Semiconductor
TB1240AN TOSHIBA-TB1240AN Datasheet
2Mb / 85P
   PAL/NTSC 1CHIP (IF VCD RPOCESSOR) IC
logo
TAI-SAW TECHNOLOGY CO.,...
TB1241A TAI-SAW-TB1241A Datasheet
381Kb / 8P
   SAW Filter 615MHz 60MHz BW (SMD 5.0횞5.0 mm)
TB1242A TAI-SAW-TB1242A Datasheet
352Kb / 7P
   SAW Filter 165MHz 13.5MHz BW (SMD 13.3횞6.5 mm)
TB1245A TAI-SAW-TB1245A Datasheet
136Kb / 5P
   SAW Filter 63.5MHz 6MHz BW (Plastic Dip 17.2 x 8.9 mm)
More results

同様の説明 - TB1244A

メーカー部品番号データシート部品情報
logo
TAI-SAW TECHNOLOGY CO.,...
TB1245A TAI-SAW-TB1245A Datasheet
136Kb / 5P
   SAW Filter 63.5MHz 6MHz BW (Plastic Dip 17.2 x 8.9 mm)
TB1201A TAI-SAW-TB1201A Datasheet
208Kb / 7P
   SAW Filter 69.5MHz 6MHz BW (SMD 7.0횞5.0mm)
TB1203A TAI-SAW-TB1203A Datasheet
210Kb / 7P
   SAW Filter 63.5MHz 6MHz BW (SMD 7.0횞5.0mm)
TB0894A TAI-SAW-TB0894A Datasheet
284Kb / 5P
   SAW Filter 106MHz 15MHz BW (Dip 22횞12.5 mm)
TB0895A TAI-SAW-TB0895A Datasheet
277Kb / 5P
   SAW Filter 140MHz 51MHz BW (Dip 22횞12.6 mm)
TB1132A TAI-SAW-TB1132A Datasheet
226Kb / 8P
   47.25 MHz 6.2MHz BW 13.8x4.6mm Plastic DIP SAW IF Filter
TB0821A TAI-SAW-TB0821A Datasheet
520Kb / 5P
   SAW Filter 140 MHz(BW=0.2MHz) DIP 35.0mmx12.8mm
TB0810A TAI-SAW-TB0810A Datasheet
487Kb / 6P
   SAW Filter 140 MHz(BW=14.0MHz) DIP 27.0mmx12.8mm
TB0811A TAI-SAW-TB0811A Datasheet
361Kb / 6P
   SAW Filter 160 MHz(BW=4.0MHz) DIP 35.0mmx12.8mm
TB0941A TAI-SAW-TB0941A Datasheet
412Kb / 6P
   SAW Filter 70 MHz(BW=3.2MHz) DIP 35.0mmx12.8mm
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com