データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

N010-0550-T811 データシート(PDF) 1 Page - Fujitsu Component Limited.

部品番号 N010-0550-T811
部品情報  Resistive Touch Panel Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FUJITSU [Fujitsu Component Limited.]
ホームページ  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

N010-0550-T811 データシート(HTML) 1 Page - Fujitsu Component Limited.

  N010-0550-T811 Datasheet HTML 1Page - Fujitsu Component Limited. N010-0550-T811 Datasheet HTML 2Page - Fujitsu Component Limited. N010-0550-T811 Datasheet HTML 3Page - Fujitsu Component Limited. N010-0550-T811 Datasheet HTML 4Page - Fujitsu Component Limited. N010-0550-T811 Datasheet HTML 5Page - Fujitsu Component Limited. N010-0550-T811 Datasheet HTML 6Page - Fujitsu Component Limited. N010-0550-T811 Datasheet HTML 7Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STANDARD
Resistive Touch Panel Specification
FID-550 7-Wire Series
s PART NUMBERS
Touch Panels:
s FEATURES
• Superior long life, using a unique construction method offering improved life over typical
technologies; by sensing data input only on the glass layer, typically a 10x improvement in
product life is achived.
• Excellent specification and high quality
- Anti-Newton ring technology
- High reliability materials
• Pen/Finger, Pen Only, Finger Only,
Light Touch types available
• Transparency 80% - typical
r
e
b
m
u
N
t
r
a
Pe
z
i
Se
p
y
T
2
0
3
T
-
0
1
5
0
-
0
1
0
N"
7
1r
e
g
n
i
F
/
n
e
P
1
1
2
T
-
0
1
5
0
-
0
1
0
N"
5
1r
e
g
n
i
F
/
n
e
P
3
1
9
T
-
0
5
5
0
-
0
1
0
N"
3
.
3
1r
e
g
n
i
F
/
n
e
P
1
1
7
T
-
0
5
5
0
-
0
1
0
N"
1
.
2
1r
e
g
n
i
F
/
n
e
P
2
4
2
T
-
1
5
5
0
-
0
1
0
N"
1
.
2
1)
e
p
y
t
h
c
u
o
t
t
h
g
il
(
r
e
g
n
i
F
/
n
e
P
1
1
8
T
-
0
5
5
0
-
0
1
0
N3
.
1
1r
e
g
n
i
F
/
n
e
P
1
0
6
T
-
0
5
5
0
-
0
1
0
N"
4
.
0
1y
l
n
o
n
e
P
1
1
6
T
-
0
5
5
0
-
0
1
0
N"
4
.
0
1r
e
g
n
i
F
/
n
e
P
1
2
6
T
-
0
5
5
0
-
0
1
0
N"
4
.
0
1)
e
p
y
t
h
c
u
o
t
t
h
g
il
(
r
e
g
n
i
F
/
n
e
P
1
1
5
T
-
0
5
5
0
-
0
1
0
N"
5
.
9r
e
g
n
i
F
/
n
e
P
1
4
3
T
-
0
5
5
0
-
0
1
0
N"
4
.
8r
e
g
n
i
F
/
n
e
P
Input Panel
Panel Drive
change over
switch
Noise Filter
MCU
Control
Section
A/D
converter
Interface
s PART NUMBERS
Controller Boards:
s PART NUMBERS
Interface Controller Chips:
r
e
b
m
u
N
t
r
a
Pe
p
y
T
2
2
0
V
-
9
5
5
0
-
0
1
0
N2
3
2
S
R
,
e
r
i
W
-
7
5
1
0
0
-
0
2
1
1
4
C
NB
S
U
,
e
r
i
W
-
7
r
e
b
m
u
N
t
r
a
Pe
p
y
T
0
4
2
B
-
8
5
5
0
-
B
6
1
N2
3
2
S
R
,
e
r
i
W
-
7
0
2
7
B
-
8
5
5
0
-
B
6
1
NB
S
U
,
e
r
i
W
-
7


同様の部品番号 - N010-0550-T811

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
N010-0550-T811 FUJITSU-N010-0550-T811 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0550-T811 FUJITSU-N010-0550-T811 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
More results

同様の説明 - N010-0550-T811

メーカー部品番号データシート部品情報
logo
Fujitsu Component Limit...
FID-550 FUJITSU-FID-550 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N010-0554-T902 FUJITSU-N010-0554-T902 Datasheet
453Kb / 7P
   STANDARD Resistive Touch Panel Specification
FID-550 FUJITSU-FID-550_06 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
N010-0550-T717 FUJITSU-N010-0550-T717 Datasheet
570Kb / 7P
   Resistive Touch Panel Specification FID-550 7-Wire Series
logo
AZ Displays
ATP0644-3 AZDISPLAYS-ATP0644-3 Datasheet
918Kb / 7P
   SPECIFICATIONS FOR STANDARD RESISTIVE TOUCH PANEL
logo
Crystalfontz America, I...
CFAF480128A0-039TR CRYSTAIFONTZ-CFAF480128A0-039TR Datasheet
1Mb / 13P
   TFT DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAM1024600A0-070R CRYSTAIFONTZ-CFAM1024600A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
CFAM800480A0-070R CRYSTAIFONTZ-CFAM800480A0-070R Datasheet
1Mb / 13P
   7??TFT HDMI DISPLAY MODULE WITH RESISTIVE TOUCH PANEL
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
logo
3M Electronics
SC802S 3M-SC802S Datasheet
131Kb / 3P
   Resistive Touch Screen Electronics
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com