データシートサーチシステム |
|
N010-0550-T601 データシート(PDF) 3 Page - Fujitsu Component Limited. |
|
N010-0550-T601 データシート(HTML) 3 Page - Fujitsu Component Limited. |
3 / 7 page 3 FID-550 SERIES s 5.3 ELECTRICAL Location Accuracy: ±2.5mm Measured over 9 points (See note 1) Linearity: 1.5% Current Consumption: 20mA max at DC 5V when applying 5VDC between pins 3 & 5 Switch Bounce (Chattering): 10ms min when using the silicon rubber measurement rod. Insulation resistance: 10M Ω minimum at 25KV DC applied between pins 3 & 7 or between 5 and 7 Dielectric Strength: 25KV DC for 1 minute Note 1: Measurement condition of linearity is corrected within the control IC. In general the location accuracy is specified as follows: Actual co-ordinate point - theoretical co-ordinate point = location accuracy. In general a 9 point co-ordinate calibration system is used to adjust the micro controller accuracy. (20 point can be used in combination with an EEPROM design). Note 2: Pins 3, 5 and 7 are the glass and film connection points. s 5.4 ENVIRONMENTAL Operating Temperature (*): -5˚C to 60˚C Storage Temperature: -30˚C to 70˚C Operating Humidity: 20% to 90% RH with a Maximum wet bulb temperature of 38˚C Storage Humidity: 10% ~ 90% RH with a Maximum wet bulb temperature of 38˚C Chemical Resistance: Coating with the following chemicals and storing at room temperature for 2 hours gives no problems. 10% NaCl-water solution, ethyl-acetate, ethyl- alcohol, toluene, methyl-ethyl-ketone. s 5.5 PEN LIFE Character Writing life: 1,000,000 words minimum Touch Input life : 10,000,000 times minimum Note 1: Words are written in the notes area and the size of the word is 7.5mm x 6.75mm. A word is any Alphabet / Number / Mark. The pen is as shown below and applies a force of 250g. A failure is judged to happen when the current consumption or insulation resistance or dielectric strength are not met as shown in 5.3. The location accuracy with 9 point calibration must be ±4.4 mm max. 9 mm Notes Effective input area Distance Theoretical Actual Error 3.5 9.0 1.0 110.0±1.0 3.0 1.5 R 0.8 |
同様の部品番号 - N010-0550-T601 |
|
同様の説明 - N010-0550-T601 |