データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NL17SG373 データシート(PDF) 6 Page - ON Semiconductor

部品番号 NL17SG373
部品情報  Low-Power D-Type Low-Power D-Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL17SG373 データシート(HTML) 6 Page - ON Semiconductor

Back Button NL17SG373_18 Datasheet HTML 2Page - ON Semiconductor NL17SG373_18 Datasheet HTML 3Page - ON Semiconductor NL17SG373_18 Datasheet HTML 4Page - ON Semiconductor NL17SG373_18 Datasheet HTML 5Page - ON Semiconductor NL17SG373_18 Datasheet HTML 6Page - ON Semiconductor NL17SG373_18 Datasheet HTML 7Page - ON Semiconductor NL17SG373_18 Datasheet HTML 8Page - ON Semiconductor NL17SG373_18 Datasheet HTML 9Page - ON Semiconductor NL17SG373_18 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NL17SG373
www.onsemi.com
6
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Unit
TA =
−55
5C to +1255C
TA = 25 5C
VCC (V)
Test Condition
Parameter
Symbol
Unit
Max
Min
Max
Typ
Min
VCC (V)
Test Condition
Parameter
CIN
Input Capacitance
0 to 3.6
1.5
pF
CO
Output Capacit-
ance
VO = GND
0
3
pF
CPD
Power dissipation
Capacitance
(Note 5)
f =10 MHz;
VI = GND to
VCC
0.9
1.6
pF
1.1 to 1.3
1.7
1.4 to 1.6
1.8
1.65 to
1.95
1.9
2.3 to 2.7
2.2
3.0 to 3.6
2.7
5. CPD is defined as the value of the internal equivalent capacitance which is calculated from the dynamic operating current consumption without
load. Average operating current can be obtained by the equation ICC(OPR) = CPD • VCC • fin + ICC. CPD is used to determine the no−load
dynamic power consumption: PD = CPD • VCC2 • fin + ICC • VCC.
TIMING REQUIREMENTS (Input tr = tf = 3.0 ns; CL = 5 pF, 10 pF, 15 pF and 20 pF)
Symbol
Parameter
Test Condition
VCC (V)
TA = 25 5C
TA =
−55
5C to +1255C
Unit
Min
Typ
Max
Min
Max
tW
Pulse Width, LE
High
0.9
4.0
ns
1.1 to 1.3
0.7
2.1
1.4 to 1.6
0.5
1.3
1.65 to
1.95
0.4
1.0
2.3 to 2.7
0.3
0.8
3.0 to 3.6
0.2
0.8
tSU
Set−Up Time, D to LE
High or Low
0.9
2.1
ns
1.1 to 1.3
0.5
2.7
1.4 to 1.6
0.3
1.5
1.65 to
1.95
0.3
1.2
2.3 to 2.7
0.2
0.9
3.0 to 3.6
0.2
0.7
tH
Hold Time D to LE
High or Low
0.9
−2.8
ns
1.1 to 1.3
−0.7
−0.1
1.4 to 1.6
−0.4
−0.1
1.65 to
1.95
−0.4
0
2.3 to 2.7
−0.3
0.2
3.0 to 3.6
−0.4
0.3


同様の部品番号 - NL17SG373_18

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NL17SG373DFT2G ONSEMI-NL17SG373DFT2G Datasheet
119Kb / 10P
   Low-Power D-Type Transparent Latch with 3-State Output
June, 2014 ??Rev. 1
More results

同様の説明 - NL17SG373_18

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
100350 FAIRCHILD-100350 Datasheet
74Kb / 7P
   Low Power Hex D-Type Latch
100331 FAIRCHILD-100331 Datasheet
101Kb / 10P
   Low Power Triple D-Type Flip-Flop
100351 FAIRCHILD-100351 Datasheet
94Kb / 9P
   Low Power Hex D-Type Flip-Flop
logo
Nexperia B.V. All right...
74AUP1G373 NEXPERIA-74AUP1G373 Datasheet
302Kb / 20P
   Low-power D-type transparent latch; 3-state
Rev. 9 - 20 January 2022
logo
NXP Semiconductors
74AUP1G373 PHILIPS-74AUP1G373 Datasheet
106Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 02-20 July 2007
74AUP1G373 NXP-74AUP1G373 Datasheet
114Kb / 22P
   Low-power D-type transparent latch; 3-state
Rev. 03-9 January 2008
logo
Nexperia B.V. All right...
74AUP1G373-Q100 NEXPERIA-74AUP1G373-Q100 Datasheet
728Kb / 21P
   Low-power D-type transparent latch; 3-state
logo
NXP Semiconductors
74AUP1G373 PHILIPS-74AUP1G373_15 Datasheet
231Kb / 25P
   Low-power D-type transparent latch; 3-state
Rev. 6-4 July 2012
74AUP1G80 NXP-74AUP1G80 Datasheet
103Kb / 18P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 01-20 October 2006
logo
Nexperia B.V. All right...
74AUP1G79 NEXPERIA-74AUP1G79 Datasheet
305Kb / 21P
   Low-power D-type flip-flop; positive-edge trigger
Rev. 8 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com