データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC-350-CBB-507A-12.80 データシート(PDF) 4 Page - Vectron International, Inc

部品番号 TC-350-CBB-507A-12.80
部品情報  Low Profile TCXOs Temperature Compensated Crystal Oscillators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VECTRON [Vectron International, Inc]
ホームページ  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TC-350-CBB-507A-12.80 データシート(HTML) 4 Page - Vectron International, Inc

  TC-350-CBB-507A-12.80 Datasheet HTML 1Page - Vectron International, Inc TC-350-CBB-507A-12.80 Datasheet HTML 2Page - Vectron International, Inc TC-350-CBB-507A-12.80 Datasheet HTML 3Page - Vectron International, Inc TC-350-CBB-507A-12.80 Datasheet HTML 4Page - Vectron International, Inc TC-350-CBB-507A-12.80 Datasheet HTML 5Page - Vectron International, Inc TC-350-CBB-507A-12.80 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TC-350 Series Low Profile TCXO’s
Vectron International •
267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com
Recommended Reflow Profile
Output Loads
pre-heating
60 to 90 sec.
at 150
°C to 170°C
reflow
20 to 40 sec.
at > 200
°C
Note: TCXO’s are precision subsystems with tolerances measured to 0.01 ppm. Non-
Hermetically sealed TCXO’s should not be subjected to a wash process that will immerse the
TCXO in solvents. NO CLEAN is the recommended procedure. The TC-350 series of TCXO’s has
been designed for pick and place reflow soldering. The suggested reflow profile is shown above.
The TCXO may be relfowed one time in the non-inverted state. Typical frequency shift as a result
of reflow is <1.0 ppm per reflow. VI recommends waiting at least two hours after reflow below
measuring the unit.
OUT
Vdd
.01µF
PROBE
DUT
R1
6k
Vdd
PROBE
OUT
DUT
D1
D2
D3
D4
R2
C1
.01
µF
.01µF
Vdd
270
Ω
(A) HCMOS / ACMOS
(B) TTL
RL
CL


同様の部品番号 - TC-350-CBB-507A-12.80

メーカー部品番号データシート部品情報
logo
Knowles Electronics
TC-35030-000 KNOWLES-TC-35030-000 Datasheet
869Kb / 5P
   KN2 –Premium Knowles Reference Design
TC-35064-000 KNOWLES-TC-35064-000 Datasheet
869Kb / 5P
   KN2 –Premium Knowles Reference Design
logo
List of Unclassifed Man...
TC-350R2U ETC2-TC-350R2U Datasheet
380Kb / 8P
   2U/3U Redundant Power Supply
TC-350R2UH ETC2-TC-350R2UH Datasheet
300Kb / 8P
   1U Redundant Power Supply
More results

同様の説明 - TC-350-CBB-507A-12.80

メーカー部品番号データシート部品情報
logo
Vectron International, ...
TC140 VECTRON-TC140 Datasheet
88Kb / 2P
   Temperature Compensated Crystal Oscillators (TCXOs)
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
6825 VECTRON-6825 Datasheet
457Kb / 4P
   Temperature Compensated Crystal Oscillators
logo
Kyocera Kinseki Corpota...
KT1612 KSS-KT1612 Datasheet
65Kb / 1P
   Temperature Compensated Crystal Oscillators
KT2016 KSS-KT2016_18 Datasheet
68Kb / 1P
   Temperature Compensated Crystal Oscillators
KT3225 KSS-KT3225 Datasheet
69Kb / 1P
   Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX146 RALTRON-TX146 Datasheet
70Kb / 3P
   TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX045 RALTRON-TX045 Datasheet
67Kb / 3P
   Temperature Compensated Crystal Oscillators
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
   Temperature compensated crystal oscillators
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
   Temperature Compensated Crystal Oscillators
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com