データシートサーチシステム |
|
TC-350-DAD-156A-12.80 データシート(PDF) 5 Page - Vectron International, Inc |
|
TC-350-DAD-156A-12.80 データシート(HTML) 5 Page - Vectron International, Inc |
5 / 6 page TC-350 Series Low Profile TCXO’s 5 Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • Web: www.vectron.com Standard Shipping Method Handling Precautions The Standard ship method for volume production of the TC-350 series is in a matrix tray. These trays are 100% recyclable. The trays also offer the added feature that they can be continuously feed into a pick-n-place machine eliminating the down time required with tape-n-reel. 0.95 0.75 0.15 0.15 0.25 4.00 0.25 12 15/16 0.44 0.44 VI Logo 0.20 Deep Pin 1 this corner 3 x 13 Array / 39 units per tray Although protection circuitry has been designed into this device, proper precautions should be taken to avoid exposure to electrostatic discharge (ESD) during han- dling and mounting. VI employs a human-body model *HBM) and a charged-device model (CDM) for ESD-sus- ceptibility testing and protection design evaluation. ESD voltage thresholds are depending on the circuit parame- ters used to define the mode. Although no industry-wide standard has been adopt- ed for the CDM, a standard HBM (resistance =1500 ohms, capacitance - 1000 pf) is widely used and therefore can be used for comparison purposes. The HBM ESD threshold presented here was obtained by using these cir- cuit parameters. ESD Threshold Voltage Model Threshold Unit Human-Body (HBM) 500 V min Charged-Device 500 V min |
同様の部品番号 - TC-350-DAD-156A-12.80 |
|
同様の説明 - TC-350-DAD-156A-12.80 |