データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM2404ITS データシート(PDF) 2 Page - Anachip Corp

部品番号 AM2404ITS
部品情報  2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANACHIP [Anachip Corp]
ホームページ  
Logo ANACHIP - Anachip Corp

AM2404ITS データシート(HTML) 2 Page - Anachip Corp

  AM2404ITS Datasheet HTML 1Page - Anachip Corp AM2404ITS Datasheet HTML 2Page - Anachip Corp AM2404ITS Datasheet HTML 3Page - Anachip Corp AM2404ITS Datasheet HTML 4Page - Anachip Corp AM2404ITS Datasheet HTML 5Page - Anachip Corp AM2404ITS Datasheet HTML 6Page - Anachip Corp AM2404ITS Datasheet HTML 7Page - Anachip Corp AM2404ITS Datasheet HTML 8Page - Anachip Corp AM2404ITS Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM
AM24LC04
Anachip Corp.
www.anachip.com.tw
Rev. A2 Oct 20, 2003
2/12
ATC
Block Diagrams
START
STOP
LOGIC
CONTROL
LOGIC
SLAVE
ADDRESS
REGISTER
&
COMPARATOR
WORD
ADDRESS
COUNTER
H.V.
GENERATION
TIMING
&
CONTROL
XDEC
EEPROM
ARRAY
32x16x8
YDEC
DATA
REGISTER
DOUT
ACK
WP
SDA
SCL
A2
VCC
VSS
Din
R/W ~ , device
address bit A0
Dout
inc
load
ck
start cycle
A1
Absolute Maximum Ratings
Characteristics
Symbol
Values
Unit
Storage Temperature
TS
-65 to + 125
°C
Voltage with Respect to Ground
-0.3 to + 6.5
V
Note: These are STRESS rating only. Appropriate conditions for operating these devices given elsewhere may permanently damage the
part. Prolonged exposure to maximum ratings may affect device reliability.
Operating Conditions
Temperature under bias
Values
Unit
AM24LC04
0 to + 70
°C
AM24LC04I
-40 to +85
°C
AM24LC04V
-40 to +125
°C


同様の部品番号 - AM2404ITS

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM2431 TI-AM2431 Datasheet
6Mb / 316P
[Old version datasheet]   AM243x Sitara??Microcontrollers
AM2431 TI-AM2431 Datasheet
5Mb / 242P
[Old version datasheet]   AM243x Sitara??Microcontrollers
MARCH 2022
AM2431 TI-AM2431 Datasheet
6Mb / 280P
[Old version datasheet]   AM243x Sitara™ Microcontrollers
REVISED AUGUST 2022
AM2431 TI-AM2431 Datasheet
6Mb / 282P
[Old version datasheet]   AM243x Sitara™ Microcontrollers
REVISED SEPTEMBER 2022
AM2431..ALV TI-AM2431..ALV Datasheet
6Mb / 280P
[Old version datasheet]   AM243x Sitara™ Microcontrollers
REVISED AUGUST 2022
More results

同様の説明 - AM2404ITS

メーカー部品番号データシート部品情報
logo
Anachip Corp
AM24LC08 ANACHIP-AM24LC08 Datasheet
202Kb / 10P
   2-Wire Serial 8K-Bit (1024 x 8) CMOS Electrically Erasable PROM
logo
Integrated Silicon Solu...
IS93C56A ISSI-IS93C56A Datasheet
131Kb / 16P
   2K-BIT/4K-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
List of Unclassifed Man...
AM24LC02 ETC-AM24LC02 Datasheet
171Kb / 12P
   2-Wire Serial 2K-bits (256 x 8) CMOS Electrically Erasable PROM
logo
Anachip Corp
AM24LC16 ANACHIP-AM24LC16 Datasheet
203Kb / 10P
   2-Wire Serial 16K-bits (2048 x 8) CMOS Electrically Erasable PROM
logo
Samsung semiconductor
KM28C64A SAMSUNG-KM28C64A Datasheet
364Kb / 12P
   8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
logo
List of Unclassifed Man...
TU24C04 ETC2-TU24C04 Datasheet
39Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
24C04 ETC1-24C04 Datasheet
44Kb / 8P
   CMOS I2C 2-WIRE BUS 4K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 512 X 8 BIT EEPROM
logo
Integrated Silicon Solu...
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
   2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
   1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Rohm
BR93LC46 ROHM-BR93LC46 Datasheet
133Kb / 12P
   1,024-Bit Serial Electrically Erasable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com