データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM320C6211GDP167 データシート(PDF) 5 Page - Texas Instruments

部品番号 SM320C6211GDP167
部品情報  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SM320C6211GDP167 データシート(HTML) 5 Page - Texas Instruments

  SM320C6211GDP167 Datasheet HTML 1Page - Texas Instruments SM320C6211GDP167 Datasheet HTML 2Page - Texas Instruments SM320C6211GDP167 Datasheet HTML 3Page - Texas Instruments SM320C6211GDP167 Datasheet HTML 4Page - Texas Instruments SM320C6211GDP167 Datasheet HTML 5Page - Texas Instruments SM320C6211GDP167 Datasheet HTML 6Page - Texas Instruments SM320C6211GDP167 Datasheet HTML 7Page - Texas Instruments SM320C6211GDP167 Datasheet HTML 8Page - Texas Instruments SM320C6211GDP167 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 83 page
background image
TMS320C6211, TMS320C6211B
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS073K − AUGUST 1998 − REVISED MARCH 2004
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
device compatibility
The TMS320C6211/C6211B and C6711/C6711B devices are pin-compatible and have the same peripheral set;
thus, making new system designs easier and providing faster time to market. The following list summarizes the
device characteristic differences among the C6211, C6211B, C6711, and C6711B devices:
D The C6211 and C6211B devices have a fixed-point C62x CPU, while the C6711 and C6711B devices have
a floating-point C67x CPU.
D The C6211/C6211B device runs at -167 and -150 MHz clock speeds (with a C6211BGFNA extended
temperature device that also runs at -150 MHz), while the C6711/C6711B device runs at -150 and -100 MHz
(with a C6711BGFNA extended temperature device that also runs at -100 MHz).
For a more detailed discussion on the similarities/differences between the C6211 and C6711 devices, see the
How to Begin Development Today with the TMS320C6211 DSP
and How to Begin Development with the
TMS320C6711 DSP
application reports (literature number SPRA474 and SPRA522, respectively).


同様の部品番号 - SM320C6211GDP167

メーカー部品番号データシート部品情報
logo
Texas Instruments
SM320C6201 TI-SM320C6201 Datasheet
1Mb / 73P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C6201 TI1-SM320C6201 Datasheet
1Mb / 76P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201B TI-SM320C6201B Datasheet
869Kb / 62P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C6201B TI-SM320C6201B Datasheet
932Kb / 64P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

同様の説明 - SM320C6211GDP167

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
SM320C6414-EP TI1-SM320C6414-EP_16 Datasheet
1,010Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com