データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


SSR21NV-20064 データシート(Datasheet) 1 Page - Kemet Corporation

部品番号. SSR21NV-20064
部品情報  KEMET, SSR21NV/NH, AC Line Filters, Common Mode, 6400 uH
ダウンロード  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo 

   
 1 page
background image
KEMET Part Number: SSR21NV-20064
KEMET, SSR21NV/NH, AC Line Filters, Common Mode, 6400 uH
Dimensions
L
22mm MAX
T
16mm MAX
H
27mm MAX
LL
3.5mm +/-0.5mm
S
10mm +/-0.5mm
Packaging Specifications
Packaging: Tray
Packaging Quantity: 450
Weight: 13 g
General Information
Series: SSR21NV/NH
Style: Through-Hole
Features:
Compact Size, Light Weight,
High Performance, Low DCR,
High Impedance, Strong
Inductance
RoHS: Yes
Miscellaneous: 45 (K) Temperature Rise Max.
Specifications
Voltage AC: 250 VAC
Inductance: 6.4 mH (10 kHz)
Temperature Range: -25/+120C
DC Resistance: 90 mOhms
© 2006 - 2018 KEMET
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 11/19/2018 - 52d907ed-1cf4-4978-ae05-871b58dd004d




Html ページ

1 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl