データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OV16B10 データシート(PDF) 2 Page - OmniVision Technologies, Inc.

部品番号 OV16B10
部品情報  High-Performance 16-Megapixel Image Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMNIVISION [OmniVision Technologies, Inc.]
ホームページ  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV16B10 データシート(HTML) 2 Page - OmniVision Technologies, Inc.

  OV16B10 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV16B10 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Smartphones
Video Conferencing
¬ PC Multimedia
Applications
¬
¬
¬
¬
¬
¬
¬
automatic black level calibration (ABLC)
programmable controls for:
- frame rate
- mirror and flip
- binning
- cropping
- windowing
support for dynamic DPC cancellation
supports output formats:
- 10-bit RGB RAW
supports horizontal and
vertical subsampling
supports typical images sizes:
- 4672 x 3504
- 3840 x 2160
- 1920 x 1080
- 1280 x 720
standard serial SCCB interface
up to 4-lane MIPI TX interface with
speed up to 2.4 Gbps/lane
programmable I/O drive capability
embedded 960 bytes of one-time
programmable (OTP) memory for
customer use
gyro interface with 3-/4-wire SPI
support
sequential multi-frame HDR
ZigZag HDR
three on-chip phase lock loops (PLLs)
programmable I/O drive capability
built-in temperature sensor
typical module size: 8.5 x 8.5 x ~5.5 mm
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OV16B10-GA5A
(color, chip probing, 150 µm backgrinding, reconstructed wafer with good die)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
active array size: 4672 x 3504
power supply:
- core: 1.05V
- analog: 2.8V
- I/O: 1.8V
temperature range:
- operating: -30°C to +85°C junction
temperature
- stable image: 0°C to +60°C junction
temperature
output formats: 10-bit RGB RAW,
DPCM 10-8 compression
lens size: 1/2.76"
lens chief ray angle: 34.5° non-linear
input clock frequency: 6 ~ 64 MHz
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
maximum image transfer rate:
- 4672 x 3504: 30 fps
- 3840 x 2160: 60 fps
- 1920 x 1080: 120 fps
maximum exposure: VTS - 8 lines
minimum exposure: 8 lines
sensitivity: 4300 e-/Lux-sec
max S/N ratio: 38 dB
dynamic range: 75 dB @ 16x gain
scan mode: progressive
pixel size: 1.12 µm x 1.12 µm
image area: 5249.66 µm x 3946.18 µm
die dimensions:
- COB: 6324.3 µm x 4458.6 µm
- RW: 6374.3 µm x 4508.6 µm
Product Specifications
Version 1.2, April, 2018
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and PureCel are registered
trademarks of OmniVision Technologies, Inc. All other trademarks are the property of their
respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV16B10
OV16B10
image sensor core
image
sensor
processor
image
interface
column
sample/hold
PLLs
PLL
control register bank
SCCB
interface
gyro interface with
4-wire SPI master
timing generator and
system control logic
gain
control
MCP/N
MDP/N[3:0]
temperature
sensor
image
array
AMP
10-bit
ADC


同様の部品番号 - OV16B10

メーカー部品番号データシート部品情報
logo
OmniVision Technologies...
OV16820 OMNIVISION-OV16820 Datasheet
1Mb / 2P
   OV16820/OV16825 16-megapixel product brief
OV16825 OMNIVISION-OV16825 Datasheet
1Mb / 2P
   OV16820/OV16825 16-megapixel product brief
OV16860 OMNIVISION-OV16860 Datasheet
565Kb / 2P
   Fast Frame Rate 16-Megapixel PureCel
OV16860-GA5A OMNIVISION-OV16860-GA5A Datasheet
565Kb / 2P
   Fast Frame Rate 16-Megapixel PureCel
OV16880 OMNIVISION-OV16880 Datasheet
2Mb / 2P
   16-Megapixel 1-Micron Pixel PureCel짰Plus-S Image Sensor with Phase Detection Autofocus for Slim Mobile Devices
More results

同様の説明 - OV16B10

メーカー部品番号データシート部品情報
logo
OmniVision Technologies...
OV8865 OMNIVISION-OV8865 Datasheet
3Mb / 2P
   High-Performance, Low-Power 8-Megapixel Image Sensor
logo
Cypress Semiconductor
CYII4SC014KAA-GTC CYPRESS-CYII4SC014KAA-GTC_09 Datasheet
796Kb / 27P
   Megapixel CMOS Image Sensor
logo
OmniVision Technologies...
OV24B OMNIVISION-OV24B Datasheet
713Kb / 2P
   24-Megapixel Image Sensor Family
logo
Micron Technology
MT9T001 MICRON-MT9T001 Datasheet
599Kb / 37P
   3-MEGAPIXEL DIGITAL IMAGE SENSOR
logo
Cypress Semiconductor
CYIL1SM4000AA CYPRESS-CYIL1SM4000AA_09 Datasheet
1Mb / 31P
   4 MegaPixel CMOS Image Sensor
IBIS4-14000-M CYPRESS-IBIS4-14000-M Datasheet
800Kb / 30P
   14-Megapixel CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
MT9M001C12STM ONSEMI-MT9M001C12STM Datasheet
637Kb / 29P
   Megapixel CMOS Digital Image Sensor
Rev. M Pub. 5/15 EN
NOII4SM6600A ONSEMI-NOII4SM6600A_16 Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
logo
STMicroelectronics
VG6640 STMICROELECTRONICS-VG6640 Datasheet
1Mb / 126P
   Automotive 1.3 megapixel high-dynamic range image sensor
June 2018 Rev 11
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com