データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


OV10823 データシート(Datasheet) 2 Page - OmniVision Technologies, Inc.

部品番号. OV10823
部品情報  Ultra-High Resolution CameraChip™ Sensor
ダウンロード  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  OMNIVISION [OmniVision Technologies, Inc.]
ホームページ  http://www.ovt.com
Logo 

   
 2 page
background image
¬ Security and Surveillance
Applications
¬
¬
¬
¬
¬
¬
1.4 µm x 1.4 µm pixel with OmniBSI-2™
optical size of 1/2.6"
programmable controls for frame rate,
mirror and flip, cropping, windowing,
and panning
image quality controls:
black level callibration
support for output formats:
10-bit RAW RGB data and
DPCM 10-8 compression
support for video or
snapshot operations
support 1x2 binning, 2x2 binning
temperature sensor
standard serial SCCB interface
up to 4-lane MIPI serial output
interface
12K bits of embedded one-time
programmable (OTP) memory
two on-chip phase lock loop (PLL)
programmable I/O drive capability
support for black sun cancellation
¬
¬
¬
¬
¬
¬
¬
¬
Product Features
Functional Block Diagram
¬
OV10823-H75A
(color, lead-free, 75-pin CSP5)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
¬
active array size: 4320 x 2432
power supply:
- core: 1.2V ±5%
- analog: 2.7 ~ 3.0V
- I/O: 1.7 ~ 3.0V
power requirements:
- active: 296 mW
- standby: 200 µA
- XSHUTDOWN: 5 µA
temperature range:
- operating: -30°C to +70°C junction
temperature
- stable image: 0°C to +60°C junction
temperature
output formats: 10-bit RAW RGB data
and DPCM 10-8 compression
lens size: 1/2.6"
lens chief ray angle: 0°
input clock frequency: 6 ~ 27 MHz
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
¬
maximum exposure interval:
1 frame -4 Tline
maximum image transfer rate:
- 10.5MP (4320x2432): 30 fps
- 2.6MP (2160x1216): 60 fps
scan mode: progressive
shutter: rolling shutter
sensitivity: 1010 mV/lux-sec @ 530 nm
max S/N ratio: 36.4 dB
dynamic range: 71.5 dB @ 8x gain
pixel size: 1.4 µm x 1.4 µm
dark current: 10 e-/s
@ 60°C junction temperature
image area: 6092.8 µm x 3449.6 µm
die dimensions: 7630 µm x 5980 µm
Product Specifications
Version 1.3, October, 2014
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision, the OmniVision logo and VarioPixel are registered
trademarks of OmniVision Technologies, Inc. CameraChip and OmniBSI-2 are trademarks of
OmniVision Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
OV10823
OV10823
image sensor core
image
sensor
processor
image output
interface
PLL
PLLs
control register bank
SCCB slave interface
timing generator and system control logic
MCP/MCN
MDP/N[3:0]
column
sample/hold
image
array
gain
control
AMP
temperature
sensor
10-bit
ADC




Html ページ

1  2 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl