データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


AXPLO2600 データシート(Datasheet) 1 Page - Advanced XTAL Products

部品番号. AXPLO2600
部品情報  UHF Ultra-Low Noise Phase-Locked OCXO (PLOCXO)
ダウンロード  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  AXTAL [Advanced XTAL Products]
ホームページ  http://www.axtal.com/index-engl.html
Logo 

   
 1 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXPLO2600 Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 1(4)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Specification
AXPLO2600
Rev.: 1
Date: 2018-10-29
Oscillator type:
UHF Ultra-Low Noise Phase-Locked OCXO (PLOCXO)
Parameter
min.
typ.
max.
Unit
Condition
Reference frequency (input) fREF
10
150
MHz
Output frequency fOUT
500
3000
MHz
Multiplication (Note 2)
Frequency stability (free running)
frequency tolerance
±500
ppb
vs. operating temperature range
±100
ppb
steady state
vs. supply voltage variation (pushing)
±10
ppb
VS ±5%
vs. load change (pulling)
±10
ppb
RL ±5%
Long term (aging) per day
±2
ppb
after 30 days operation
Long term (aging) per year
±200
ppb
after 30 days operation
Reference input (Note 3)
Frequency accuracy
±500
ppb
Signal waveform
Sine wave
Input level
+3
+13
dBm
Input impedance
50
RF output
Signal waveform
Sine wave
Load RL
50
±5%
Output level
+11
+13
+15
dBm
Harmonics
-30
dBc
Sub-harmonics
-50
-40
dBc
PLL Products
-60
dBc
Spurious
-80
dBc
Phase noise @ 1000 MHz (Note 4, 5)
-115
-140
-150
-155
-160
-110
-135
-145
-150
-150
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
@ 100 Hz
@ 1 kHz
@ 10 kHz
@ 100 kHz
@ ≥1 MHz
Lock detect (LD) output
2.3
0
3.3
1.0
V
V
Out of lock
Locked
Supply voltage VS (Note 6)
11.4
12.0
12.6
V
Current consumption (warm-up)
600
mA
Current consumption (steady state)
300
mA
@ +25°C
Operating temperature range
-10
+60
°C
Enclosure (see drawing) (LxWxH)
60x60x30 max.
mm
DC connectors
Feedthrough
Micro-D
Option 1 = “FT”
Option 1 = “MD”
Weight
200
g
Packing
Palette
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Frequency multiplication factor N depends on output frequency fOUT
3.
Programmable version available on request
4.
Phase noise for other frequencies please consult factory
5.
Phase noise performance for <100 Hz in locked state depends on reference oscillator
6.
For other supply voltage please consult factory




Html ページ

1  2  3  4 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl