データシートサーチシステム |
|
ULN2803 データシート(PDF) 3 Page - Unisonic Technologies |
|
ULN2803 データシート(HTML) 3 Page - Unisonic Technologies |
3 / 6 page ULN2803 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 3 of 6 www.unisonic.com.tw QW-R113-004.K ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATINGS UNIT Input Voltage VIN -0.5~30 V Output Sustaining Voltage VCE (SUS) -0.5~50 V Output Current IOUT 500 mA/ch Clamp Diode Reverse Voltage VR 50 V Clamp Diode Forward Current IF 500 mA DIP-18 1.47 SOP-18 0.54/0.625(Note) SOP-20 0.56 Power Dissipation TSSOP-20 PD 0.52 W Operating Temperature TOPR -40 ~ +85 C Storage Temperature TSTG -40 ~ +150 C Notes: 1. On glass epoxy PCB (30x30x1.6mm Cu 50%) 2. Absolute maximum ratings are stress ratings only and functional device operation is not implied. The device could be damaged beyond Absolute maximum ratings. ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified) PARAMETER SYMBOL TEST CIRCUIT TEST CONDITIONS MIN TYP MAX UNIT Output Leakage Current ICEX 1 VCE=50V,TA=25C VCE=50V,TA=85C 50 100 μA Collector-Emitter Saturation Voltage VCE(SAT) 2 IOUT=350mA,IIN=500A IOUT=200mA,IIN=350A IOUT=100mA,IIN=250A 1.3 1.1 0.9 1.6 1.3 1.1 V ON IIN(ON) 3 VIN =3.85V,IOUT=350mA 0.93 1.35 mA Input Current OFF IIN(OFF) 4 IOUT=500A, TA=85C 50 65 μA Input Voltage (output on) VIN(ON) 5 VCE=2.0V IOUT=200mA IOUT=250mA IOUT=300mA 2.4 2.7 3.0 V Clamp Diode Reverse Current IR 6 VR=50V, TA=25C VR=50V, TA=85C 50 100 μA Clamp Diode Forward Voltage VF 7 IF=350mA 2.0 V Input Capacitance CIN 15 25 pF Turn-On Delay tON 8 VOUT=50V,RL=125,CL=15pF 0.1 1 μS Turn-Off Delay tOFF 8 VOUT=50V,RL=125,CL=15pF 0.2 1 μS |
同様の部品番号 - ULN2803_18 |
|
同様の説明 - ULN2803_18 |