データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


UTRS3088_18 データシート(Datasheet) 8 Page - Unisonic Technologies

部品番号. UTRS3088_18
部品情報  TRANSCEIVERS WITH ESD-PROTECTED
ダウンロード  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  UTC [Unisonic Technologies]
ホームページ  http://www.utc-ic.com
Logo 

   
 8 page
background image
UTRS3088
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
8 of 8
www.unisonic.com.tw
QW-R113-012.D
TEST CIRCUIT (Cont.)
VOH
VOL
RO
A
-1V
B
1.5V
Output
tRPHL
Input
1.5V
tRPLH
3V
0V
REB
VCC
RO
VOL
VOH
RO
0
1.5V
tRZL
1.5V
1.5V
tRZH
Output Normally Low
Output Normally High
tRLZ
1.5V
VOL+0.5V
VOH-0.5V
tRHZ
Fig. 9 Receiver Propagation Delays
Fig. 10 Receiver Enable and Disable Times
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all UTC products described or contained herein.
UTC products are not designed for use in life support appliances, devices or systems where malfunction
of these products can be reasonably expected to result in personal injury. Reproduction in whole or in
part is prohibited without the prior written consent of the copyright owner. UTC reserves the right to
make changes to information published in this document, including without limitation specifications and
product descriptions, at any time and without notice. This document supersedes and replaces all
information supplied prior to the publication hereof.




Html ページ

1  2  3  4  5  6  7  8 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl