データシートサーチシステム
Selected language   Japanese  ▼
品番検索
         詳細検索


QM3015D データシート(Datasheet) 1 Page - uPI Group Inc.

部品番号. QM3015D
部品情報  P-Ch 30V Fast Switching MOSFETs
ダウンロード  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  UPI [uPI Group Inc.]
ホームページ  http://www.ubiq-semi.com/
Logo 

   
 1 page
background image
1
QM3015D
P-Ch 30V Fast Switching MOSFETs
d
Symbol
Parameter
Rating
Units
10s
Steady State
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Sou
rce Voltage
±25
V
ID@TC=25℃
Continuous Drain Current, VGS @ -10V
1
-57
A
ID@TC=100℃
Continuous Drain Current, VGS @ -10V
1
-36
A
ID@TA=25℃
Continuous Drain Current, VGS @ -10V
1
-17.8
-11.3
A
ID@TA=70℃
Continuous Drain Current, VGS @ -10V
1
-14.2
-9
A
IDM
Pulsed Drain Current
2
-180
A
EAS
Single Pulse Avalanche Energy
3
408
mJ
IAS
Avalanche Current
-55.4
A
PD@TC=25℃
Total Power Dissipation
4
52.1
W
PD@TA=25℃
Total Power Dissipation
4
5
2
W
TSTG
Storage Temperature Range
-55 to 150
TJ
Operating Junction Temperature Range
-55 to 150
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-Ambient
1
---
62
℃/W
RθJA
Thermal Resistance Junction-Ambient
1 (t
10s)
---
25
℃/W
RθJC
Thermal Resistance Junction-Case
1
---
2.4
℃/W
BVDSS
RDSON
ID
-30V
10.5m
Ω
-57A
The QM3015D is the highest performance trench
P-ch MOSFETs with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the synchronous buck converter
applications .
The QM3015D meet the RoHS and Green Product
requirement , 100% EAS guaranteed with full
function reliability approved.
 Advanced high cell density Trench technology
 Super Low Gate Charge
 Excellent CdV/dt effect decline
 100% EAS Guaranteed
 Green Device Available
General Description
Features
Applications
 High Frequency Point-of-Load Synchronous
Buck Converter for MB/NB/UMPC/VGA
 Networking DC-DC Power System
 Load Switch
Absolute Maximum Ratings
Thermal Data
TO252 Pin Configuration
Product Summary
G
S
D
D
Rev A.02 D020112




Html ページ

1  2  3  4 


Datasheet Download




リンク URL

ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ]  

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl