データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC14 データシート(PDF) 7 Page - NXP Semiconductors

部品番号 74HC14
部品情報  Hex inverting Schmitt trigger
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PHILIPS [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC14 データシート(HTML) 7 Page - NXP Semiconductors

Back Button 74HC14 Datasheet HTML 3Page - NXP Semiconductors 74HC14 Datasheet HTML 4Page - NXP Semiconductors 74HC14 Datasheet HTML 5Page - NXP Semiconductors 74HC14 Datasheet HTML 6Page - NXP Semiconductors 74HC14 Datasheet HTML 7Page - NXP Semiconductors 74HC14 Datasheet HTML 8Page - NXP Semiconductors 74HC14 Datasheet HTML 9Page - NXP Semiconductors 74HC14 Datasheet HTML 10Page - NXP Semiconductors 74HC14 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
2003 Oct 30
7
Philips Semiconductors
Product specification
Hex inverting Schmitt trigger
74HC14; 74HCT14
DC CHARACTERISTICS
Type 74HC14
At recommended operating conditions; voltages are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
OTHER
VCC (V)
Tamb =25 °C
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −20 µA
2.0
1.9
2.0
V
IO = −20 µA
4.5
4.4
4.5
V
IO = −20 µA
6.0
5.9
6.0
V
IO = −4.0 mA
4.5
3.98
4.32
V
IO = −5.2 mA
6.0
5.48
5.81
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO =20 µA
2.0
0
0.1
V
IO =20 µA
4.5
0
0.1
V
IO =20 µA
6.0
0
0.1
V
IO = 4.0 mA
4.5
0.15
0.26
V
IO = 5.2 mA
6.0
0.16
0.26
V
ILI
input leakage
current
VI =VCC or GND
6.0
−−
0.1
µA
ICC
quiescent supply
current
VI =VCC or GND; IO = 0 6.0
−−
2.0
µA
Tamb = −40 to +85 °C
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −20 µA
2.0
1.9
−−
V
IO = −20 µA
4.5
4.4
−−
V
IO = −20 µA
6.0
5.9
−−
V
IO = −4.0 mA
4.5
3.84
−−
V
IO = −5.2 mA
6.0
5.34
−−
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO =20 µA
2.0
−−
0.1
V
IO =20 µA
4.5
−−
0.1
V
IO =20 µA
6.0
−−
0.1
V
IO = 4.0 mA
4.5
−−
0.33
V
IO = 5.2 mA
6.0
−−
0.33
V
ILI
input leakage
current
VI =VCC or GND
6.0
−−
1.0
µA
ICC
quiescent supply
current
VI =VCC or GND; IO = 0 6.0
−−
20
µA


同様の部品番号 - 74HC14

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC14 PHILIPS-74HC14 Datasheet
72Kb / 8P
   Hex inverting Schmitt trigger
September 1993
logo
ON Semiconductor
74HC14 ONSEMI-74HC14 Datasheet
133Kb / 9P
   Hex Schmitt?뭈rigger Inverter High?뭁erformance Silicon?묰ate CMOS
March, 2007 ??Rev. 1
logo
NXP Semiconductors
74HC14 NXP-74HC14 Datasheet
167Kb / 21P
   Hex inverting Schmitt trigger
Rev. 6-19 September 2012
logo
Diodes Incorporated
74HC14 DIODES-74HC14 Datasheet
293Kb / 9P
   HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
logo
Tiger Electronic Co.,Lt...
74HC14 TGS-74HC14 Datasheet
90Kb / 4P
   High-Speed Cmos Logic Hex Inverting Schmitt Trigger
More results

同様の説明 - 74HC14

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC14D-T NXP-74AHC14D-T Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com