データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GRM033R71E152JA01 データシート(PDF) 6 Page - Murata Manufacturing Co., Ltd.

部品番号 GRM033R71E152JA01
部品情報  Chip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM033R71E152JA01 データシート(HTML) 6 Page - Murata Manufacturing Co., Ltd.

Back Button GRM033R71E152JA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM033R71E152JA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM033R71E152JA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM033R71E152JA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM033R71E152JA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM033R71E152JA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM033R71E152JA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM033R71E152JA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. GRM033R71E152JA01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
■ Package
Tape Carrier Packaging
1.
Minimum Quantity (pcs./reel)
3
2. Dimensions of Tape (in mm)
(1)GRM033(W8P2 Code:D/J)
3
(2)GRM033(W8P1 Code:W)
3
J
F
-
0.37(Typ.)
G
GRM03
Code:J
50000(W8P2)
Series
Code:D
15000(W8P2)
Code:W
30000(W8P1)
φ180mm Reel
PAPER Tape
φ180mm Reel
PAPER Tape
F
G
H
2.0+/-0.05
2.0+/-0.05
φ1.5+0.1/-0
C
B
D
E
J
4.0+/-0.1
1.75+/-0.1
Series
Dimensions(Chip)
0.67(Typ.)
T
C
D
GRM03
H
φ330mm Reel
PAPER Tape
A
B
8.0+/-0.3
3.5+/-0.05
A
0.3+/-0.03
Dimensions(Chip)
L
W
L
W
T
E
0.67(Typ.)
0.3+/-0.03
0.6+/-0.03
Series
M
L
K
K
L
M
-
1.0+/-0.05
4.0+/-0.1
φ1.5+0.1/-0
0.05 max.
-
0.5 max.
0.5 max.
0.3+/-0.03
0.3+/-0.03
0.37(Typ.)
3.5+/-0.05
1.75+/-0.1
1.0+/-0.05
8.0+/-0.3
0.6+/-0.03
GRM03
A
0.15~0.4
B
J
H
M
F
G
C
D
E
K
A
B
J
H
F
G
C
D
E
K
 
GRM033R71E152JA01-01A


同様の部品番号 - GRM033R71E152JA01

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GRM033R71E152JA01A MURATA-GRM033R71E152JA01A Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

同様の説明 - GRM033R71E152JA01

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com