データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EPSA-6W データシート(PDF) 1 Page - CUI INC

部品番号 EPSA-6W
部品情報  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUI [CUI INC]
ホームページ  http://www.cui.com
Logo CUI - CUI INC

EPSA-6W データシート(HTML) 1 Page - CUI INC

  EPSA-6W Datasheet HTML 1Page - CUI INC EPSA-6W Datasheet HTML 2Page - CUI INC EPSA-6W Datasheet HTML 3Page - CUI INC EPSA-6W Datasheet HTML 4Page - CUI INC EPSA-6W Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
05/28/2013
page
1 of 5
SERIES:
EPSA 6W │ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
EPSA033180U
3.3
1.8
6
150
V
EPSA050120U
5
1.2
6
150
V
EPSA060100U
6
1
6
150
V
EPSA090067U
9
0.67
6
150
V
EPSA120050U
12
0.5
6
150
V
EPSA150040U
15
0.4
6
200
V
EPSA180033U
18
0.33
6
200
V
EPSA240025U
24
0.25
6
200
V
Note:
1. At full load, 100 ~ 240 Vac input, 20 MHz bandwidth oscilloscope, output terminated with 0.1 μF and 47 μF capacitors.
PART NUMBER KEY
EPSA033180UX - XX - SZ - CXX
DC Plug Type
Factory
Designation
Base Number
example of 3.3 Vdc, 1.8 A
Reserved for Custom
Configurations
FEATURES
• up to 6 W power
• universal input (90~264 Vac)
• single regulated output from 3.3~24 V
• over voltage, over current, and short circuit protections
• UL/cUL safety approvals
• level V efficiency
• custom designs available
RoHS
Case/Cord Color
“blank” = black
W = white
For more information, please visit the product page
|
For information on related products, view Dc Power Connectors


同様の部品番号 - EPSA-6W

メーカー部品番号データシート部品情報
logo
CUI INC
EPSA-20W CUI-EPSA-20W Datasheet
679Kb / 5P
   AC-DC POWER SUPPLY
EPSA-24W CUI-EPSA-24W Datasheet
553Kb / 5P
   AC-DC POWER SUPPLY
EPSA-5W-EU-USB CUI-EPSA-5W-EU-USB Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
More results

同様の説明 - EPSA-6W

メーカー部品番号データシート部品情報
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com