データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EPSA240025U データシート(PDF) 2 Page - CUI INC

部品番号 EPSA240025U
部品情報  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUI [CUI INC]
ホームページ  http://www.cui.com
Logo CUI - CUI INC

EPSA240025U データシート(HTML) 2 Page - CUI INC

  EPSA240025U Datasheet HTML 1Page - CUI INC EPSA240025U Datasheet HTML 2Page - CUI INC EPSA240025U Datasheet HTML 3Page - CUI INC EPSA240025U Datasheet HTML 4Page - CUI INC EPSA240025U Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date
05/28/2013 │ page 2 of 5
CUI Inc
│ SERIES: EPSA 6W │ DESCRIPTION: AC-DC POWER SUPPLY
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
264
Vac
frequency
47
63
Hz
current
0.3
A RMS
leakage current
0.1
mA
no load power consumption
0.3
W
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
±3
%
load regulation
3.3 V output
all other models
±10
±5
%
%
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
protected through primary circuit IC
short circuit protection
output shut down and auto restart
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output at 10 mA for 1 minute
3,000
4,242
Vac
Vdc
isolation resistance
input to output at 500 Vdc
100
safety approvals
UL/cUL, PSE, LPS
EMI/EMC
FCC
RoHS compliant
yes
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
040
°C
storage temperature
-10
70
°C
operating humidity
20
80
%
storage humidity
10
90
%
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
59.8 x 46.1 x 26.6 (2.354 x 1.815 x 1.047 inch)
mm
weight
63
g
input plug
fixed US
case/cord color
black or white
For more information, please visit the product page
|
For information on related products, view Dc Power Connectors


同様の部品番号 - EPSA240025U

メーカー部品番号データシート部品情報
logo
CUI INC
EPSA240025U CUI-EPSA240025U Datasheet
393Kb / 5P
   AC-DC POWER SUPPLY
More results

同様の説明 - EPSA240025U

メーカー部品番号データシート部品情報
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com