データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ETSA-60W-UD データシート(PDF) 1 Page - CUI INC

部品番号 ETSA-60W-UD
部品情報  AC-DC POWER SUPPLY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CUI [CUI INC]
ホームページ  http://www.cui.com
Logo CUI - CUI INC

ETSA-60W-UD データシート(HTML) 1 Page - CUI INC

  ETSA-60W-UD Datasheet HTML 1Page - CUI INC ETSA-60W-UD Datasheet HTML 2Page - CUI INC ETSA-60W-UD Datasheet HTML 3Page - CUI INC ETSA-60W-UD Datasheet HTML 4Page - CUI INC ETSA-60W-UD Datasheet HTML 5Page - CUI INC ETSA-60W-UD Datasheet HTML 6Page - CUI INC ETSA-60W-UD Datasheet HTML 7Page - CUI INC ETSA-60W-UD Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
cui.com
date 11/18/2014
page 1 of 8
SERIES: ETSA 60W UD
│ DESCRIPTION: AC-DC POWER SUPPLY
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
level
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
ETSA120500UD
12
5.0
60
150
V
ETSA190342UD
19
3.42
60
190
V
ETSA240270UD
24
2.70
60
240
V
ETSA480125UD
48
1.25
60
190
V
Notes:
1. At full load, 100 ~ 240 Vac input, 20 MHz bandwidth oscilloscope, each output terminated with 10 µF aluminum electrolytic and 0.1 µF ceramic capacitors.
PART NUMBER KEY
ETSA120500UD X - XX - SZ - CXX
DC Plug type:
see output plug options
on page 7
Factory
Designation
Base Number
example of 12 Vdc, 5 A
Reserved for Custom
Configurations
AC Input Plug:
D = IEC 320 C8 plug
FEATURES
• 60 W power
• universal input (90~264 Vac)
• single regulated output from 12~48V
• over voltage and short circuit protections
• UL/cUL and TUV safety approvals
• level V efficiency
• custom designs available
Input Cable:
“Blank” = No Cable
C = North American input cable
2 = European input cable
3 = United Kingdom input cable
4 = Australian input cable
5 = China input cable
6 = South Korea input cable
7 = Brazil input cable
8 = South Africa input cable
9 = Japan input cable
For more information, please visit the product page
|
For information on related products, view Dc Power Connectors


同様の部品番号 - ETSA-60W-UD

メーカー部品番号データシート部品情報
logo
CUI INC
ETSA-100W-U CUI-ETSA-100W-U Datasheet
828Kb / 7P
   AC-DC POWER SUPPLY
ETSA-12W-UD CUI-ETSA-12W-UD Datasheet
589Kb / 8P
   AC-DC POWER SUPPLY
ETSA-150W-U CUI-ETSA-150W-U Datasheet
603Kb / 6P
   AC-DC POWER SUPPLY
ETSA-150W-U CUI-ETSA-150W-U Datasheet
498Kb / 6P
   AC-DC POWER SUPPLY
12/11/2020
ETSA-150W-U CUI-ETSA-150W-U_V01 Datasheet
498Kb / 6P
   AC-DC POWER SUPPLY
12/11/2020
More results

同様の説明 - ETSA-60W-UD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com