データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EQY-12-24-D データシート(PDF) 2 Page - Mini-Circuits

部品番号 EQY-12-24-D
部品情報  Gain Equalizer Die
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EQY-12-24-D データシート(HTML) 2 Page - Mini-Circuits

  EQY-12-24-D Datasheet HTML 1Page - Mini-Circuits EQY-12-24-D Datasheet HTML 2Page - Mini-Circuits EQY-12-24-D Datasheet HTML 3Page - Mini-Circuits EQY-12-24-D Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Gain Equalizer Die
50Ω
12dB
DC to 20 GHz
Microwave
Pad Number
Function
Description
2
RF-IN
RF-Input pad
5
RF-OUT
RF-Output pad
1,3,4,6
GND
Ground
Product Features
• 11.9 dB Slope
• Wide Bandwidth, DC-20 GHz
• Excellent Return Loss, 20 dB typ.
General Description
EQY-12-24-D+ is an absorptive Gain Equalizer Die fabricated using highly repetitive GaAs IPD MMIC
process incorporating resistors, capacitors and inductors having negative insertion loss slope.
EQY-12-24-D+ has a nominal attenuation slope of 11.9 dB.
EQY-12-24-D+
Simplified Schematic and Pad description
Bonding Pad Position
Dimensions in µm, Typical
L1
L2
L3
L4
L5
H1
H2
H3
H4
Thickness Die Size
Bond Pad
#1, #3, #4, #6
Bond Pad
#2, #5
95
108
643
649
750
185
385
585
825
100
750x825
92 X 92
117 X 142
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Ordering Information: Refer to Last Page
Typical Applications
• Fixed Satellite
• Mobile
• Radio location
• Space research
REV. OR
M171290
EQY-12-24-D+
GY/RS/CP/AM
190123
Bonding Pad Position / Description
Die Dimensions in um
L1 L2
L3
L4
L5
H1 H2 H3
H4
95 108 643 649 750 185 385 585 825
Thickness
Die Size
Bond Pad #1, #3, #4, #6
Bond Pad #2, #5
100
750 x 825
92 x 92
117 x 142
Pad #
Description
1,3,4,6
Ground
2
Input
5
Output
L1
L3
L5
L4
H4
H3
H2
H1
L2
3
0
4
0
2
5
1
6
RF-IN
RF-OUT


同様の部品番号 - EQY-12-24-D

メーカー部品番号データシート部品情報
logo
Mini-Circuits
EQY-12-24 MINI-EQY-12-24 Datasheet
278Kb / 5P
   Gain Equalizers
EQY-12-24++ MINI-EQY-12-24+ Datasheet
278Kb / 5P
   Gain Equalizers
More results

同様の説明 - EQY-12-24-D

メーカー部品番号データシート部品情報
logo
Mini-Circuits
EQY-6-63-D MINI-EQY-6-63-D Datasheet
261Kb / 5P
   Gain Equalizer Die
EQY-3-24-D MINI-EQY-3-24-D Datasheet
292Kb / 4P
   Gain Equalizer Die
EQY-6-24-D MINI-EQY-6-24-D Datasheet
277Kb / 4P
   Gain Equalizer Die
EQY-8-453-DG MINI-EQY-8-453-DG Datasheet
321Kb / 5P
   Gain Equalizer Die
EQY-2-63-D MINI-EQY-2-63-D Datasheet
260Kb / 5P
   Gain Equalizer Die
EQY-3-63-D MINI-EQY-3-63-D Datasheet
262Kb / 5P
   Gain Equalizer Die
EQY-10-63-D MINI-EQY-10-63-D Datasheet
301Kb / 5P
   Gain Equalizer Die
EQY-7-453-DG MINI-EQY-7-453-DG Datasheet
321Kb / 5P
   Gain Equalizer Die
EQY-9-453-DG MINI-EQY-9-453-DG Datasheet
321Kb / 5P
   Gain Equalizer Die
EQY-8-24-D MINI-EQY-8-24-D Datasheet
279Kb / 4P
   Gain Equalizer Die
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com