データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EQY-12-24-D データシート(PDF) 4 Page - Mini-Circuits

部品番号 EQY-12-24-D
部品情報  Gain Equalizer Die
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

EQY-12-24-D データシート(HTML) 4 Page - Mini-Circuits

  EQY-12-24-D Datasheet HTML 1Page - Mini-Circuits EQY-12-24-D Datasheet HTML 2Page - Mini-Circuits EQY-12-24-D Datasheet HTML 3Page - Mini-Circuits EQY-12-24-D Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Gain Equalizer Die
Page 4 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Performance Data
Data Table
Swept Graphs
S-Parameter (S2P Files) Data Set with and without port extension(.zip file)
Case Style
Die
Die Ordering and packaging
information
Quantity, Package
Model No.
Small, Gel - Pak: 5,10,50,100 KGD*
Medium, Partial wafer: KGD*<1935
EQY-12-24-DG+
EQY-12-24-DP+
Available upon request contact sales representative
Refer to
AN-60-067
Environmental Ratings
ENV80
ESD Rating**
Human Body Model (HBM): Class 1C (Pass 1000V) in accordance with ANSI/ESD STM 5.1 - 2001
Additional Detailed Technical Information
additional information is available on our dash board.
** Tested in industry standard 2 x 2mm, 8-lead MCLP package
EQY-12-24-D+
*Known Good Die (KGD) means that the die are taken from PCM good wafer and then visually inspected per Mini-Circuits’ criteria. Though this is not
definitive, it does provide a higher degree of confidence that die are capable of meeting typical RF electrical parameters specified by Mini-Circuits.
Additional Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended
to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s
applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms
and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits
contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder,
please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
D. Mini-Circuits does not warrant the accuracy or completeness of the information, text, graphics and other items
contained within this document and same are provided as an accommodation and on an “As is” basis, with all faults.
E. Purchasers of this part are solely responsible for proper storing, handling, assembly and processing of Known
Good Dice (including, without limitation, proper ESD preventative measures, die preparation, die attach, wire bond
ing and related assembly and test activities), and Mini-Circuits assumes no responsibility therefor or for environmental
effects on Known Good Dice.
F. Mini-Circuits and the Mini-Circuits logo are registered trademarks of Scientific Components Corporation d/b/a Mini-
Circuits. All other third-party trademarks are the property of their respective owners. A reference to any third-party
trademark does not constitute or imply any endorsement, affiliation, sponsorship, or recommendation by any such
third-party of Mini-Circuits or its products.


同様の部品番号 - EQY-12-24-D

メーカー部品番号データシート部品情報
logo
Mini-Circuits
EQY-12-24 MINI-EQY-12-24 Datasheet
278Kb / 5P
   Gain Equalizers
EQY-12-24++ MINI-EQY-12-24+ Datasheet
278Kb / 5P
   Gain Equalizers
More results

同様の説明 - EQY-12-24-D

メーカー部品番号データシート部品情報
logo
Mini-Circuits
EQY-6-63-D MINI-EQY-6-63-D Datasheet
261Kb / 5P
   Gain Equalizer Die
EQY-3-24-D MINI-EQY-3-24-D Datasheet
292Kb / 4P
   Gain Equalizer Die
EQY-6-24-D MINI-EQY-6-24-D Datasheet
277Kb / 4P
   Gain Equalizer Die
EQY-8-453-DG MINI-EQY-8-453-DG Datasheet
321Kb / 5P
   Gain Equalizer Die
EQY-2-63-D MINI-EQY-2-63-D Datasheet
260Kb / 5P
   Gain Equalizer Die
EQY-3-63-D MINI-EQY-3-63-D Datasheet
262Kb / 5P
   Gain Equalizer Die
EQY-10-63-D MINI-EQY-10-63-D Datasheet
301Kb / 5P
   Gain Equalizer Die
EQY-7-453-DG MINI-EQY-7-453-DG Datasheet
321Kb / 5P
   Gain Equalizer Die
EQY-9-453-DG MINI-EQY-9-453-DG Datasheet
321Kb / 5P
   Gain Equalizer Die
EQY-8-24-D MINI-EQY-8-24-D Datasheet
279Kb / 4P
   Gain Equalizer Die
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com