データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST1200C18K0 データシート(PDF) 5 Page - International Rectifier

部品番号 ST1200C18K0
部品情報  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

ST1200C18K0 データシート(HTML) 5 Page - International Rectifier

  ST1200C18K0 Datasheet HTML 1Page - International Rectifier ST1200C18K0 Datasheet HTML 2Page - International Rectifier ST1200C18K0 Datasheet HTML 3Page - International Rectifier ST1200C18K0 Datasheet HTML 4Page - International Rectifier ST1200C18K0 Datasheet HTML 5Page - International Rectifier ST1200C18K0 Datasheet HTML 6Page - International Rectifier ST1200C18K0 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ST1200C..K Series
5
Bulletin I25196 rev.B 01/00
www.irf.com
Outline Table
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Case Style A-24 (K-PUK)
All dimensions in millimeters (inches)
TWO PLACES
PIN RECEPTACLE
AMP. 60598-1
1 (0.04) MIN.
TWO PLACES
47.5 (1.87) DIA. MAX.
2 HOLES DIA. 3.5 (0.14) x
2.1 (0.1) DEEP
4.75 (0.2) NOM.
20° ± 5°
44 (1.73)
CREPAGE DESTANCE 28.88 (1.137) MIN.
STRIKE DISTANCE 17.99 (0.708) MIN.
67 (2.6) DIA. MAX.
Quote between upper and lower
pole pieces has to be considered
after application of Mounting Force
(see Thermal and Mechanical
Specification)
Average On-state Current (A)
Average On-state Current (A)
40
50
60
70
80
90
100
110
120
130
0
200
400
600
800 1000 1200
30°
60°
90°
120 °
180 °
Conduction Angle
ST1200C..K Series
(Single Side Cooled)
R
(DC) = 0.042 K/W
thJ-hs
20
30
40
50
60
70
80
90
100
110
120
130
0
400
800
1200
1600
2000
DC
30°
60°
90°
120 °
180 °
Conduction Period
ST1200C..K Series
(Single Side Cooled)
R
(DC) = 0.042 K/W
thJ-hs


同様の部品番号 - ST1200C18K0

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
ST1200C18K0 VISHAY-ST1200C18K0 Datasheet
169Kb / 9P
   Phase Control Thyristors
Revision: 09-Jan-15
ST1200C18K0L VISHAY-ST1200C18K0L Datasheet
169Kb / 9P
   Phase Control Thyristors
Revision: 09-Jan-15
ST1200C18K0LP VISHAY-ST1200C18K0LP Datasheet
146Kb / 8P
   Phase Control Thyristors (Stud Version), 1650 A
Revision: 23-Apr-10
ST1200C18K0P VISHAY-ST1200C18K0P Datasheet
169Kb / 9P
   Phase Control Thyristors
Revision: 09-Jan-15
More results

同様の説明 - ST1200C18K0

メーカー部品番号データシート部品情報
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com