データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GRM033R71E391JA01 データシート(PDF) 2 Page - Murata Manufacturing Co., Ltd.

部品番号 GRM033R71E391JA01
部品情報  Chip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM033R71E391JA01 データシート(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  GRM033R71E391JA01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GRM033R71E391JA01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GRM033R71E391JA01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GRM033R71E391JA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GRM033R71E391JA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GRM033R71E391JA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. GRM033R71E391JA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. GRM033R71E391JA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. GRM033R71E391JA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
■ Specifications and Test Methods
No.
1
Rated Voltage
Shown in Rated value.
The rated voltage is defined as the maximum voltage which may be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, V
P-P or VO-P, whichever is larger, should be maintained
within the rated voltage range.
2
Appearance
No defects or abnormalities.
Visual inspection.
3
Dimension
Shown in Rated value.
Using Measuring instrument of dimension.
4
Voltage Proof
No defects or abnormalities.
Measurement Point :
Between the terminations
Test Voltage :
250% of the rated voltage
Applied Time :
1s to 5s
Charge/Discharge Current : 50mA max.
5
Insulation Resistance(I.R.)
More than 10000MΩ
Measurement Temperature:Room Temperature
Measurement Point :
Between the terminations
Measurement Voltage :
Rated Voltage
Charging Time :
2min
Charge/Discharge Current : 50mA max.
6
Capacitance
Shown in Rated value.
Measurement Temperature:Room Temperature
Measurement Frequency : 1.0+/-0.1kHz
Measurement Voltage :
1.0+/-0.2Vrms
7
Q or Dissipation Factor (D.F.)
DF:0.025 max.
Measurement Temperature : Room Temperature
Measurement Frequency : 1.0+/-0.1kHz
Measurement Voltage :
1.0+/-0.2Vrms
8
Capacitance
No bias
Within +/-15%
The capacitance change should be measured after 5 minutes at each specified temperature stage.
Temperature
Characteristics
Measurement Voltage :
Less than 1.0Vrms (Refer to the individual data sheet)
Pre-treatment :
Perform a heat treatment at 150+0/-10°C for 1hour and then let sit for 24+/-2hours at room temperature, then measure.
Specification
Test Method (Ref. Standard:JIS C 5101, IEC60384)
Item
Capacitance value as a reference is the value in "
*" marked step.
(-55℃ to +125℃)
Step
Temperature(℃)
Time (min)
1
Min.Operating Temp. +0/-3
30+/-3
2
Reference Temp.
2 to 3
3
Max.Operating Temp. +3/-0
30+/-3
4
Reference Temp.
2 to 3
Step
Temperature(°C)
Applying Voltage
1
Reference Temp. +/-2
2
Min. Operating Temp. +/-3
3
*
Reference Temp. +/-2
4
Max. Operating Temp. ±3
5
Reference Temp. +/-2
No bias
GRM033R71E391JA01-01A


同様の部品番号 - GRM033R71E391JA01

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GRM033R71E391JA01A MURATA-GRM033R71E391JA01A Datasheet
783Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

同様の説明 - GRM033R71E391JA01

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com