データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

GRM033Z71A104KE14 データシート(PDF) 23 Page - Murata Manufacturing Co., Ltd.

部品番号 GRM033Z71A104KE14
部品情報  Chip Multilayer Ceramic Capacitors for General Purpose
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MURATA [Murata Manufacturing Co., Ltd.]
ホームページ  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GRM033Z71A104KE14 データシート(HTML) 23 Page - Murata Manufacturing Co., Ltd.

Back Button GRM033Z71A104KE14 Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. GRM033Z71A104KE14 Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. GRM033Z71A104KE14 Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. GRM033Z71A104KE14 Datasheet HTML 22Page - Murata Manufacturing Co., Ltd. GRM033Z71A104KE14 Datasheet HTML 23Page - Murata Manufacturing Co., Ltd. GRM033Z71A104KE14 Datasheet HTML 24Page - Murata Manufacturing Co., Ltd. GRM033Z71A104KE14 Datasheet HTML 25Page - Murata Manufacturing Co., Ltd. GRM033Z71A104KE14 Datasheet HTML 26Page - Murata Manufacturing Co., Ltd. GRM033Z71A104KE14 Datasheet HTML 27Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
■ Rating
1.Operating Temperature
1. The operating temperature limit depends on the capacitor.
1-1. Do not apply temperatures exceeding the maximum operating temperature.
It is necessary to select a capacitor with a suitable rated temperature that will cover the operating temperature range.
It is also necessary to consider the temperature distribution in equipment and the seasonal temperature variable factor.
1-2. Consider the self-heating factor of the capacitor
The surface temperature of the capacitor shall not exceed the maximum operating temperature including self-heating.
2.Atmosphere Surroundings (gaseous and liquid)
1. Restriction on the operating environment of capacitors.
1-1. Capacitors, when used in the above, unsuitable, operating environments may deteriorate due to the corrosion of the terminations and the penetration of moisture into the capacitor.
1-2. The same phenomenon as the above may occur when the electrodes or terminals of the capacitor are subject to moisture condensation.
1-3. The deterioration of characteristics and insulation resistance due to the oxidization or corrosion of terminal electrodes may result in breakdown when the capacitor is exposed to
corrosive or volatile gases or solvents for long periods of time.
3.Piezo-electric Phenomenon
1. When using high dielectric constant type capacitors in AC or pulse circuits, the capacitor itself vibrates at specific frequencies and noise may be generated.
Moreover, when the mechanical vibration or shock is added to capacitor, noise may occur.
Notice
GRM033Z71A104KE14-01A


同様の部品番号 - GRM033Z71A104KE14

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GRM033Z71A104KE14A MURATA-GRM033Z71A104KE14A Datasheet
785Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results

同様の説明 - GRM033Z71A104KE14

メーカー部品番号データシート部品情報
logo
Murata Manufacturing Co...
GRM0335C1H7R1DA01 MURATA-GRM0335C1H7R1DA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM0335C2AR60BA01 MURATA-GRM0335C2AR60BA01 Datasheet
788Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1857U1H332JA44 MURATA-GRM1857U1H332JA44 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM1882C1H102JA01 MURATA-GRM1882C1H102JA01 Datasheet
782Kb / 30P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J330JWA1 MURATA-GRM21A5C2J330JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2E181JW01 MURATA-GRM21A5C2E181JW01 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A5C2J470JWA1 MURATA-GRM21A5C2J470JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21A7U2D182JW31 MURATA-GRM21A7U2D182JW31 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E392JWA1 MURATA-GRM21B5C2E392JWA1 Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2E562JWAA MURATA-GRM21B5C2E562JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
GRM21B5C2J182JWAA MURATA-GRM21B5C2J182JWAA Datasheet
1Mb / 28P
   Chip Multilayer Ceramic Capacitors for General Purpose
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com