データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NJM2711 データシート(PDF) 4 Page - New Japan Radio

部品番号 NJM2711
部品情報  ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NJRC [New Japan Radio]
ホームページ  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2711 データシート(HTML) 4 Page - New Japan Radio

  NJM2711 Datasheet HTML 1Page - New Japan Radio NJM2711 Datasheet HTML 2Page - New Japan Radio NJM2711 Datasheet HTML 3Page - New Japan Radio NJM2711 Datasheet HTML 4Page - New Japan Radio NJM2711 Datasheet HTML 5Page - New Japan Radio NJM2711 Datasheet HTML 6Page - New Japan Radio NJM2711 Datasheet HTML 7Page - New Japan Radio NJM2711 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NJM2711
- 4 -
s
s
s
s TYPICAL CHARACTERISTICS
Input Offset Voltage
vs. Ambient Temperature
-2
-1.5
-1
-0.5
0
0.5
-50
0
50
100
150
Ambient Temperature [°C]
V
+/V-=±2.5V
Input Offset Current
vs. Ambient Temperature
-800
-600
-400
-200
0
200
400
600
800
-50
0
50
100
150
Ambient Temperature [°C]
V
+/V-=±2.5V
Input Bias Current
vs. Ambient Temperature
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
-50
0
50
100
150
Ambient Temperature [°C]
V
+/V-=±2.5V
Maximum Output Voltage Swing
vs. Operating Voltage
-5
-4
-3
-2
-1
0
1
2
3
4
5
012
345
Operating Voltage [V]
Vin=±300mV,RL=1kΩ,Ta=25°C
±0
±1
±2
±3
±4
±5
Operating Current vs.Operating Voltage
0
0.5
1
1.5
2
2.5
01
2
3
45
Operating Voltage [V]
Vin=0V,Ta=25°C
±0
±1
±2
±3
±4
±5
1
Operating Current vs. Ambient Temperature
0
0.5
1
1.5
2
2.5
-100
-50
0
50
100
150
Ambient Temperature [°C]
V+/V-=±4.5V
V+/V-=±2.5V
V+/V-=±2.0V


同様の部品番号 - NJM2711

メーカー部品番号データシート部品情報
logo
New Japan Radio
NJM2710 NJRC-NJM2710 Datasheet
232Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2710M NJRC-NJM2710M Datasheet
232Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2710V NJRC-NJM2710V Datasheet
232Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
NJM2712 ETC1-NJM2712 Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2712 NJRC-NJM2712 Datasheet
308Kb / 8P
   ULTRA HIGH-SPEED SINGLE OPERATIONAL AMPLIFIER
More results

同様の説明 - NJM2711

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
NJM2712 ETC1-NJM2712 Datasheet
222Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2710 NJRC-NJM2710 Datasheet
232Kb / 8P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2726 NJRC-NJM2726 Datasheet
92Kb / 3P
   ULTRA HIGH SPEED SINGLE OPERATIONAL AMPLIFIER
NJM2712 NJRC-NJM2712 Datasheet
308Kb / 8P
   ULTRA HIGH-SPEED SINGLE OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1191 LINER-LT1191 Datasheet
864Kb / 11P
   Ultra High Speed Operational Amplifier?
LT1190 LINER-LT1190 Datasheet
778Kb / 11P
   Ultra High Speed Operational Amplifier
LT1192 LINER-LT1192 Datasheet
959Kb / 12P
   Ultra High Speed Operational Amplifier???
logo
New Japan Radio
NJM2720 NJRC-NJM2720 Datasheet
196Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2722 NJRC-NJM2722 Datasheet
167Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
NJM2721 NJRC-NJM2721 Datasheet
175Kb / 6P
   Single Ultra-High speed and Wide Band Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com