データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CSE7759B データシート(PDF) 8 Page - Core Technology (Shenzhen) Co., Ltd.

部品番号 CSE7759B
部品情報  Calibration-free Electric Energy Measuring Chip
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CHIPSEA [Core Technology (Shenzhen) Co., Ltd.]
ホームページ  http://www.chipsea.com/
Logo CHIPSEA - Core Technology (Shenzhen) Co., Ltd.

CSE7759B データシート(HTML) 8 Page - Core Technology (Shenzhen) Co., Ltd.

Back Button CSE7759B Datasheet HTML 4Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 5Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 6Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 7Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 8Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 9Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 10Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 11Page - Core Technology (Shenzhen) Co., Ltd. CSE7759B Datasheet HTML 12Page - Core Technology (Shenzhen) Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
本资料为芯海科技专有财产,非经许可,不得复制、翻印或转变其他形式使用。
This document is exclusive property of CHIPSEA and shall not be reproduced or copied or transformed to any other format
without prior permission of CHIPSEA
聚点滴之芯.成浩瀚之海
8/25
No-load current (to be determined by
overall noise)
60
mA
Voltage: 1MR divider resistance (ideal value, without resistance error)
Voltage measurement range:
80V~260V(relative error)
-2
1
2
%
Power: (ideal value, without current sampling resistance error and divider
resistance error)
Above 55W (relative error)
-2
1
2
%
Below 55W (absolute error)
1
2.5
W
Min. measured value of power (to be
determined by overall noise)
3
W
No-load power (to be determined by
overall noise)
0
W
2.4 Digital Characteristics
VDD = 5V, GND = 0V, 25℃(unless otherwise stated)
Parameters
Symbol
Min.
Value
Typical
Value
Max.
Value
Unit
Master clock
Frequency of master clock
MCLK
3.04
3.579
4.12
MHz
Duty ratio of master clock
30
50
70
%
Filter
Input sampling rate
(DCLK=MCLK/K)
-
MCLK /4
-
MHz
Output bit rate of digital filter
OWR
-
MCLK /128
-
MHz
Corner frequency of high-pass
filter (-3dB)
-
0.543
-
Hz
Input/output
High level output voltage Iout
VOH
VDD-0.5
-
-
V


同様の部品番号 - CSE7759B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CSE7759B ETC1-CSE7759B Datasheet
755Kb / 20P
   Calibration-free energy metering chip
More results

同様の説明 - CSE7759B

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CSE7759B ETC1-CSE7759B Datasheet
755Kb / 20P
   Calibration-free energy metering chip
logo
Hotchip Technology Co.,...
HT3692D HOTCHIP-HT3692D Datasheet
962Kb / 7P
   Electric Power Detection, Battery Energy Display
logo
Toshiba Semiconductor
TPS816 TOSHIBA-TPS816 Datasheet
145Kb / 6P
   LEAD FREE PRODUCT PHOTO-ELECTRIC SWITCHES
logo
TOKYO SEIMITSU CO., LTD
HOLOS ACCRETECH-HOLOS Datasheet
376Kb / 4P
   Free-form Curved Surface Measuring Program
XYZAXMJUNEX ACCRETECH-XYZAXMJUNEX Datasheet
588Kb / 4P
   Compact CNC coordinate measuring machine which realizes energy saving with stable measuring accuracy
logo
IXYS Corporation
NCD1015ZP IXYS-NCD1015ZP Datasheet
143Kb / 6P
   Energy Harvesting Battery-Free Wireless Power
logo
ams AG
AS8168 AMSCO-AS8168 Datasheet
250Kb / 30P
   Single Phase Average Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
logo
STMicroelectronics
STPM11 STMICROELECTRONICS-STPM11_08 Datasheet
1Mb / 45P
   Single phase energy metering IC with pulsed output and digital calibration
logo
ams AG
AS8118 AMSCO-AS8118_1 Datasheet
287Kb / 30P
   Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
AS8118 AMSCO-AS8118 Datasheet
36Kb / 1P
   Single Phase Instantaneous Energy Metering IC with On-Chip Calibration, Stepper Motor Drive and LED Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com